Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1613ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1613ARMZ-R7
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 12 of 28
THERMAL SHUTDOWN (TSD)
The ADP1612/ADP1613 include TSD protection. If the die
temperature exceeds 150°C (typical), TSD turns off the NMOS
power device, significantly reducing power dissipation in the
device and preventing output voltage regulation. The NMOS
power device remains off until the die temperature reduces to
130°C (typical). The soft start capacitor is discharged during
TSD to ensure low output voltage overshoot and inrush
currents when regulation resumes.
UNDERVOLTAGE LOCKOUT (UVLO)
If the input voltage is below the UVLO threshold, the ADP1612/
ADP1613 automatically turn off the power switch and place
the part into a low power consumption mode. This prevents
potentially erratic operation at low input voltages and prevents
the power device from turning on when the control circuitry
cannot operate it. The UVLO levels have ~100 mV of hysteresis
to ensure glitch free startup.
ENABLE/SHUTDOWN CONTROL
The EN input turns the ADP1612/ADP1613 regulator on or
off. Drive EN low to turn off the regulator and reduce the
input current to 0.01 μA, typical. Drive EN high to turn on
the regulator.
When the step-up dc-to-dc switching converter is in shutdown
mode (EN ≤ 0.3 V), there is a dc path from the input to the output
through the inductor and output rectifier. This causes the output
voltage to remain slightly below the input voltage by the forward
voltage of the rectifier, preventing the output voltage from dropping
to ground when the regulator is shutdown. Figure 37 provides a
circuit modification to disconnect the output voltage from the
input voltage at shutdown.
Regardless of the state of the EN pin, when a voltage is applied to
VIN of the ADP1612/ADP1613, a large current spike occurs due
to the nonisolated path through the inductor and diode between
VIN and VOUT. The high current is a result of the output capacitor
charging. The peak value is dependent on the inductor, output
capacitor, and any load active on the output of the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com