Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-2.5-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2118ACPZ-2.5-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-2.5-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2118ACPZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADP2118
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VIN = 5 V, VOUT = 1.2 V, L = 1 µH, CIN = 100 µF, COUT = 100 µF, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
INDUCTOR COILCRAFT
MSS1038-102NL
Figure 4. Efficiency (1.2 MHz, VIN = 3.3 V, FPWM) vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
INDUCTOR COILCRAFT
MSS1038-102NL
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
Figure 5. Efficiency (1.2 MHz, VIN = 5 V, FPWM) vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
INDUCTOR SUMIDA
CDRH105R2R2NC
Figure 6. Efficiency (600 kHz, VIN = 3.3 V, FPWM) vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
INDUCTOR COILCRAFT
MSS1038-102NL
Figure 7. Efficiency (1.2 MHz, VIN = 3.3 V, PFM) vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
INDUCTOR COILCRAFT
MSS1038-102NL
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
Figure 8. Efficiency (1.2 MHz, VIN = 5 V, PFM) vs. Output Current
0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
INDUCTOR SUMIDA
CDRH105R2R2NC
Figure 9. Efficiency (600 kHz, VIN = 3.3 V, PFM) vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com