Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-2.5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2118ACPZ-2.5-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-2.5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2118ACPZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 11Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP2118
Rev. 0 | Page 8 of 24
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT(A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
INDUCTOR SUMIDA
CDRH105R2R2NC
Figure 10. Efficiency (600 kHz, VIN = 5 V, FPWM) vs. Output Current
80
85
90
95
100
105
110
115
120
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 11. Quiescent Current vs. VIN (No Switching)
40
50
60
70
80
90
100
110
120
130
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TJ = –40°C
TJ = +25°C
TJ = +125°C
VIN (V)
Figure 12. PFET Resistor vs. VIN (Pin-to-Pin Measurements)
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
INDUCTOR SUMIDA
CDRH105R2R2NC
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
Figure 13. Efficiency (600 kHz, VIN = 5 V, PFM) vs. Output Current
594
595
596
597
598
599
600
601
602
603
604
605
606
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 14. Feedback Voltage vs. Temperature (VIN = 3.3 V)
10
20
30
40
50
60
70
80
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 15. NFET Resistor vs. VIN (Pin-to-Pin Measurements)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com