Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-2.5-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2118ACPZ-2.5-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-2.5-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2118ACPZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 20Page - Analog Devices ADP2118ACPZ-2.5-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADP2118
Rev. 0 | Page 17 of 24
Table 6. Recommended L and COUT Value at fS = 600 kHz
VIN (V)
VOUT (V)
L (μH)
COUT (μF)
3.3
1.0
1.5
100 + 47
3.3
1.2
1.5
100
3.3
1.5
1.5
100
3.3
1.8
1.5
100
3.3
2.5
1.5
100
5
1.0
1.5
100 + 47
5
1.2
1.5
100
5
1.5
2.2
100
5
1.8
2.2
100
5
2.5
2.2
100
5
3.3
2.2
100
Higher or lower inductors and output capacitors can be used in
the converter, but the system stability and load transient
performance need to be checked.
The minimum output capacitor can be 47 μF. If fS = 1.2 MHz,
the inductor range is 0.8 μH to 3.3 μH. If fS = 600 kHz, the
inductor range is 1.5 μH to 3.3 μH.
Table 7. Recommended Inductors
Manufacturer
Part Number
Coilcraft
MSS1038, MSS1048, MSS1260
Sumida
CDRH103R, CDRH104R, CDRH105R
Table 8. Recommended Capacitors
Manufacturer
Part Number
Description
Murata
GRM32ER60J107ME20
100 μF, 6.3 V, X5R, 1210
Murata
GRM32ER60J476ME20
47 μF, 6.3 V, X5R, 1210
TDK
C3225X5R0J107M
100 μF, 6.3 V, X5R, 1210
TDK
C3225X5R0J476M
47 μF, 6.3 V, X5R, 1210
INPUT CAPACITOR SELECTION
The input capacitor reduces the input voltage ripple caused by
the switch current on PVIN. Place the input capacitor as close
as possible to the PVIN pin. A 22 μF or 47 μF ceramic capacitor
is recommended. The rms current rating of the input capacitor
should be larger than the following equation:

D
D
I
I
O
RMS
1
VOLTAGE TRACKING
The ADP2118 includes a tracking feature that allows the
ADP2118 output (slave voltage) to be configured to track an
external voltage (master voltage), as shown in Figure 42.
A common application is coincident tracking, shown in Figure 43.
Coincident tracking limits the slave output voltage to be the
same as the master voltage until it reaches regulation. Connect
the TRK pin to a resistor divider from the master voltage. For
coincident tracking, set RTRKT = RTOP and RTRKB = RBOT.
Ratiometric tracking is shown in Figure 44. The slave output is
limited to a fraction of the master voltage. In this application,
the slave and master voltages reach the final value at the same
time. The ratio of the slave output voltage to the master voltage
is a function of the two dividers.
TRKB
TRKT
BOT
TOP
MASTER
SLAVE
R
R
R
R
V
V
1
1
VMASTER
VSLAVE
RTOP
RBOT
RTRKT
RTRKB
TRK
FB
ADP2118
Figure 42. Voltage Tracking
TIME
VMASTER
VSLAVE
Figure 43. Coincident Tracking
TIME
VMASTER
VSLAVE
Figure 44. Ratiometric Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com