Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7520/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7520/PCBZ
Description  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7520/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADV7520/PCBZ Datasheet HTML 1Page - Analog Devices ADV7520/PCBZ Datasheet HTML 2Page - Analog Devices ADV7520/PCBZ Datasheet HTML 3Page - Analog Devices ADV7520/PCBZ Datasheet HTML 4Page - Analog Devices ADV7520/PCBZ Datasheet HTML 5Page - Analog Devices ADV7520/PCBZ Datasheet HTML 6Page - Analog Devices ADV7520/PCBZ Datasheet HTML 7Page - Analog Devices ADV7520/PCBZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADV7520
Rev. 0 | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Digital Inputs
−0.3 V to +5 V
Digital Output Current
20 mA
Operating Temperature Range
−40°C to +100°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and sample tested at
specified temperatures.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing.
VII.
Limits defined by HDMI specification; guaranteed by
design and characterization testing.
VIII.
Guaranteed by design.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com