Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7520/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7520/PCBZ
Description  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7520/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADV7520/PCBZ Datasheet HTML 1Page - Analog Devices ADV7520/PCBZ Datasheet HTML 2Page - Analog Devices ADV7520/PCBZ Datasheet HTML 3Page - Analog Devices ADV7520/PCBZ Datasheet HTML 4Page - Analog Devices ADV7520/PCBZ Datasheet HTML 5Page - Analog Devices ADV7520/PCBZ Datasheet HTML 6Page - Analog Devices ADV7520/PCBZ Datasheet HTML 7Page - Analog Devices ADV7520/PCBZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low Power HDMI/DVI Transmitter with
Consumer Electronic Control (CEC)
ADV7520
Rev. 0
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
General
Low power HDMI/DVI transmitter ideal for portable
applications
CEC controller and buffer reduce system overhead
Incorporates HDMI (v.1.3 with x.v.Color) technology
Compatible with DVI v.1.0 and HDCP 1.3
Single 1.8 V power supply
Video/audio inputs accept logic levels from 1.8 V to 3.3 V
Digital video
80 MHz operation supports all HDTV resolutions from
480i to 1080i
Programmable 2-way color space converter
Supports RGB, YCbCr, and DDR
Supports ITU656-based embedded syncs
Automatic input video format timing detection (CEA-861D)
Digital audio
Supports standard S/PDIF for stereo LPCM or compressed
audio up to 192 kHz
8-channel, uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
Embedded HDCP keys
On-chip MPU with I2C master to perform HDCP operations
and EDID reading operations
5 V tolerant I2C and HPD I/Os, no extra device needed
No audio master clock needed for supporting S/PDIF and I2S
On-chip MPU reports HDMI events through interrupts and
registers
APPLICATIONS
Digital video cameras
Digital still cameras
Personal media players
DVD players and recorders
Digital set-top boxes
A/V receivers
HDMI repeaters/splitters
FUNCTIONAL BLOCK DIAGRAM
D[23:0]
VSYNC
HSYNC
DE
CLK
I2C
SLAVE
SDA
SCL
HDCP
CORE
HDCP AND EDID
MICRO-
CONTROLLER
I2C
MASTER
INT
HPD
DDCSCL
Tx0+/–
Tx1+/–
Tx2+/–
TxC+/–
DDCSDA
ADV7520
TMDS
OUTPUTS
S/PDIF
MCLK
I2S[3:0]
LRCLK
SCLK
CEC_IO
CEC_CLK
CEC CONTROLLER
BUFFER
COLOR
SPACE
CONVERSION
SYNC
ADJUSTMENT
AND
GENERATION
AUDIO
DATA
CAPTURE
VIDEO
DATA
CAPTURE
REGISTER
CONFIGURATION
LOGIC
HDCP
KEYS
Figure 1.
GENERAL DESCRIPTION
The ADV7520 is an 80 MHz, High-Definition Multimedia
Interface (HDMI™) transmitter with consumer electronic
control (CEC). It supports HDTV formats up to 720p and 1080i
and computer graphic resolutions up to XGA (1024 × 768 @
75 Hz). With the inclusion of HDCP, the ADV7520 allows the
secure transmission of protected content, as specified by the
HDCP 1.3 protocol.
The ADV7520 supports x.v.Color™ (Gamut Metadata) for a
wider color gamut.
The ADV7520 supports both S/PDIF and 8-channel I2S audio. Its
high fidelity, 8-channel I2S can transmit either stereo or 7.1
surround audio at 192 kHz. The S/PDIF can carry stereo linear
pulse-code modulation (LPCM) audio or compressed audio,
including Dolby® Digital and DTS®.
The ADV7520 helps reduce system design complexity and cost
by incorporating features such as an internal microprocessor for
high-bandwidth digital content protection (HDCP) operations, an
I2C® master for extended display identification data (EDID)
reading, a single 1.8 V power supply, and 5 V tolerance on the
I2C and hot plug detect pins. For additional information and
resources, see the Applications Information section.
Fabricated in an advanced CMOS process, the ADV7520
is available in a space saving, 64-lead LFCSP. The package is RoHS
compliant and is specified for −25°C to +85°C operation.


Similar Part No. - ADV7520/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK AD-ADV7520NK Datasheet
268Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
268Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NKBBCZ-80 AD-ADV7520NKBBCZ-80 Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
More results

Similar Description - ADV7520/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
High Performance HDMI/DVI Transmitter
10/06-Revision 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
High Performance, Low Power HDMI??DVI Transmitter
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK AD-ADV7520NK_08 Datasheet
268Kb / 8P
Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
High Performance, Low Power HDMI/DVI Transmitter
REV. 0
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
logo
Shenzhen Guan Hua Wei Y...
WSF12N10G WIINSOK-WSF12N10G Datasheet
934Kb / 5P
Consumer electronic power supply Motor control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com