Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7520/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7520/PCBZ
Description  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7520/PCBZ Datasheet(HTML) 7 Page - Analog Devices

  ADV7520/PCBZ Datasheet HTML 1Page - Analog Devices ADV7520/PCBZ Datasheet HTML 2Page - Analog Devices ADV7520/PCBZ Datasheet HTML 3Page - Analog Devices ADV7520/PCBZ Datasheet HTML 4Page - Analog Devices ADV7520/PCBZ Datasheet HTML 5Page - Analog Devices ADV7520/PCBZ Datasheet HTML 6Page - Analog Devices ADV7520/PCBZ Datasheet HTML 7Page - Analog Devices ADV7520/PCBZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADV7520
Rev. 0 | Page 7 of 8
OUTLINE DIMENSIONS
PIN 1
INDICATOR
TOP
VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.50
0.40
0.30
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
*4.85
4.70 SQ
4.55
EXPOSED PAD
(BOTTOM VIEW)
*COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
EXCEPT FOR EXPOSED PAD DIMENSION
SEATING
PLANE
PIN 1
INDICATOR
0.30
0.25
0.18
Figure 3. 64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
9 mm × 9 mm Body, Very Thin Quad
(CP-64-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7520BCPZ-801
−25°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-1
ADV7520/PCBZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com