Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP481ECN-L/TR Datasheet(PDF) 12 Page - Exar Corporation

Part # SP481ECN-L/TR
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP481ECN-L/TR Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP481ECN-L/TR Datasheet HTML 4Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 5Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 6Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 7Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 8Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 9Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 10Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 11Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP48E,485E_00_2808
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP48ECN-L....................................................................... 0°C to +70°C................................................................................................8-pin NSOIC
SP48ECN-L/TR................................................................. 0°C to +70°C................................................................................................8-pin NSOIC
SP48ECP-L....................................................................... 0°C to +70°C................................................................................................8-pin PDIP
SP48EEN-L/.................................................................... -40°C to +85°C...............................................................................................8-pin NSOIC
SP48EEN-L/TR................................................................. -40°C to +85°C.............................................................................................8-pin NSOIC
SP48EEP-L....................................................................... -40°C to +85°C.............................................................................................8-pin PDIP
SP485ECN-L....................................................................... 0°C to +70°C................................................................................................8-pin NSOIC
SP485ECN-L/TR................................................................. 0°C to +70°C................................................................................................8-pin NSOIC
SP485ECP-L....................................................................... 0°C to +70°C.................................................................................................8-pin PDIP
SP485EEN-L..................................................................... -40°C to +85°C................................................................................................8-pin NSOIC
SP485EEN-L/TR................................................................ -40°C to +85°C...............................................................................................8-pin NSOIC
SP485EEP-L...................................................................... -40°C to +85°C...............................................................................................8-pin PDIP
SP485EMN-L..................................................................... -40°C to +85°C...............................................................................................8-pin NSOIC
SP485EMN-L/TR............................................................... -40°C to +85°C...............................................................................................8-pin NSOIC
REVISION HISTORY
DATE
REVISION DESCRIPTION
May /07
--
Legacy Sipex Datasheet
2/8/08
.0.0
Convert to Exar Format. Update ordering information as a result of discontinued
Lead type package options per PDN 081126-01. Remove "Top Mark" information
from ordering page.
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2008 EXAR Corporation
Datasheet December 2008
Send your Interface technical inquiry with technical details to: uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
Note: /TR = Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com