Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP481ECN-L/TR Datasheet(PDF) 6 Page - Exar Corporation

Part # SP481ECN-L/TR
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP481ECN-L/TR Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP481ECN-L/TR Datasheet HTML 2Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 3Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 4Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 5Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 6Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 7Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 8Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 9Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP48E,485E_00_2808
Figure 6. Driver Enable and Disable Times
Figure 8. Receiver Enable and Disable Times
+3V
0V
DE
5V
VOL
A,B
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 10ns; tF < 10ns
VOH
A,B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
SWITCHING WAVEFORMS
FUNCTION TRUTH TABLES
INPUTS
OUTPUTS
RE
DE
DI
LINE
CONDITION
A
B
X


No Fault
0

X

0
No Fault

0
X
0
X
X
Z
Z
X

X
Fault
Z
Z
Table 1. Transmit Function Truth Table
INPUTS
OUTPUTS
RE
DE
A - B
R
0
0
+0.2V

0
0
-0.2V
0
0
0
Inputs Open


0
X
Z
Table 2. Receive Function Truth Table
VOH
VOL
R
1.5V
1.5V
tPHL
f = 1MHz; tR 10ns; tF ≤ 10ns
OUTPUT
VOD2+
VOD2–
A – B
0V
0V
tPLH
INPUT
≤
+3V
0V
5V
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
R
1.5V
1.5V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
R
RE
Figure 7. Receiver Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com