Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP481ECN-L/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP481ECN-L/TR
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP481ECN-L/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP481ECN-L/TR Datasheet HTML 1Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 2Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 3Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 4Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 5Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 6Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 7Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 8Page - Exar Corporation SP481ECN-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP48E,485E_00_2808
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC.......................................................................+7V
Input Voltages
Logic.........................-0.3V to (Vcc + 0.5V)
Drivers......................-0.3V to (Vcc + 0.5V)
Receivers.........................................+/-15V
ELECTRICAL CHARACTERISTICS
T
MIN to TMAX and VCC = +5.0V +/-5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP481E/SP485E DRIVER
DC Characteristics
Differential Output Voltage
GND
Vcc
Volts
Unloaded; R = ∞ ; see Figure 1
Differential Output Voltage
2
Vcc
Volts
With Load; R = 50Ω (RS-422); see
Figure 1
Differential Output Voltage
.5
Vcc
Volts
With Load; R = 27Ω (RS-485); see
Figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary states
0.2
Volts
R = 27Ω or R = 50Ω; see Figure 1
Driver Common Mode Output
Voltage
3
Volts
R = 27Ω or R = 50Ω; see Figure 1
Input High Voltage
2.0
Volts
Applies to DE, DI, RE
Input Low Voltage
0.8
Volts
Applies to DE, DI, RE
Input Current
+/-0
µA
Applies to DE, DI, RE
Driver Short Circuit Current
V
OUT = HIGH
+/-250
mA
-7V ≤ V
O ≤ +12V
V
OUT = LOW
+/-250
mA
-7V ≤ V
O ≤ +12V
SP481E/SP485E DRIVER
AC Characteristics
Max. Transmission Rate
0
Mbps
RE = 5V, DE = 5V; R
DIFF = 54Ω,
C
L = CL2 = 00pF
Driver Input to Output, t
PLH
20
30
60
ns
See Figures 3 & 5, R
DIFF = 54Ω,
C
L = CL2 = 00pF
Driver Input to Output, t
PLH
(SP485EMN ONLY)
20
30
80
ns
Driver Input to Output, t
PHL
20
30
60
ns
See Figures 3 & 5, R
DIFF = 54Ω,
C
L = CL2 = 00pF
Driver Input to Output, t
PHL
(SP485EMN ONLY)
20
30
80
ns
Driver Skew
5
0
ns
see Figures 3 and 5,
t
SKEW = |tDPHL - tDPLH|
Driver Rise or Fall Time
3
5
40
ns
From 0%-90%; R
DIFF = 54Ω
C
L = CL2 = 100pF; see Figures 3
and 6
Output Voltages
Logic.........................-0.3V to (Vcc + 0.5V)
Drivers.............................................+/-15V
Receivers..................-0.3V to (Vcc + 0.5V)
Storage Temperature.......................-65˚C to +150˚C
Power Dissipation
8-pin NSOIC...................................................550mW
(derate 6.60mW/ºC above +70ºC)
8-pin PDIP....................................................000mW
(derate .8mW/ºC above +70ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com