Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECA-L/TR Datasheet(PDF) 12 Page - Exar Corporation

Part # SP3243ECA-L/TR
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECA-L/TR Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP3243ECA-L/TR Datasheet HTML 8Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 9Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 10Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 11Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 12Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 13Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 14Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 15Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_100_072309
The first stage, shown in Figure 21, detects an
inactive input. A logic HIGH is asserted on
R
XINACT if the cable is disconnected or the
external transmitters are disabled. Otherwise,
R
XINACT will be at a logic LOW. This circuit is
duplicated for each of the other receivers.
ThesecondstageoftheAUTOON-LINE®circuitry,
shown in Figure 22, processes all the receiver's
R
XINACT signals with an accumulated delay that
disables the device to a 1µA supply current.
The STATUS pin goes to a logic LOW when the
cable is disconnected, the external transmit-
ters are disabled, or the SHUTDOWN pin is
invoked.The typical accumulated delay is around
20µs.
When the SP3243E drivers or internal charge
pump are disabled, the supply current is reduced
to 1µA. This can commonly occur in hand-held
or portable applications where the RS-232 cable
is disconnected or the RS-232 drivers of the con-
nected peripheral are turned off.
The AUTO ON-LINE® mode can be disabled by
the SHUTDOWN pin. If this pin is a logic LOW,
the AUTO ON-LINE® function will not operate
regardless of the logic state of the ONLINE pin.
Table 3 summarizes the logic of the AUTO ON-
LINE® operating modes. The truth table logic of
the SP3243E driver and receiver outputs can be
found in Table 2.
The STATUS pin outputs a logic LOW signal
if the device is shutdown. This pin goes to a
logic HIGH when the external transmitters are
enabled and the cable is connected.
When the SP3243E devices are shut down, the
charge pumps are turned off. V+ charge pump
output decays to V
CC, the V- output decays to
GND. The decay time will depend on the size
of capacitors used for the charge pump. Once
in shutdown, the time required to exit the shut
down state and have valid V+ and V- levels is
typically 200µs.
For easy programming, the STATUS can be
used to indicate DSR or a Ring Indicator sig-
nal. Tying ONLINE and SHUTDOWN together
will bypass the AUTO ON-LINE® circuitry so this
connection acts like a shutdown input pin.
Figure 14. AUTO ON-LINE® Timing Waveforms
RECEIVER
RS-232 INPUT
VOLTAGES
STATUS
+5V
0V
-5V
tSTSL
tSTSH
tONLINE
VCC
0V
DRIVER
RS-232 OUTPUT
VOLTAGES
0V
+2.7V
-2.7V
S
H
U
T
D
O
W
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com