Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECA-L/TR Datasheet(PDF) 17 Page - Exar Corporation

Part # SP3243ECA-L/TR
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECA-L/TR Datasheet(HTML) 17 Page - Exar Corporation

Back Button SP3243ECA-L/TR Datasheet HTML 13Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 14Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 15Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 16Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 17Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 18Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 19Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 20Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_100_072309
17
DEVICE PIN
HUMAN BODY
IEC1000-4-2
TESTED
MODEL
Air Discharge
Direct Contact
Level
Driver Outputs
+15kV
+15kV
+8kV
4
Receiver Inputs
+15kV
+15kV
+8kV
4
The circuit models in Figures 23 and 24 represent
the typical ESD testing circuit used for all three
methods. The C
S is initially charged with the DC
power supply when the first switch (SW1) is on.
Now that the capacitor is charged, the second
switch (SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then applied
through R
S, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under test
receives a duration of voltage.
For the Human Body Model, the current limiting
resistor (R
S) and the source capacitor (CS) are
1.5kΩ an 100pF, respectively. For IEC-1000-4-2,
thecurrentlimitingresistor(R
S) and the source ca-
pacitor (C
S) are 330Ω an 150pF, respectively.
The higher C
S value and lower RS value in the
IEC1000-4-2 model are more stringent than the
Human Body Model. The larger storage capaci-
tor injects a higher voltage to the test point when
SW2 is switched on. The lower current limiting
resistor increases the current charge onto the
test point.
Figure 25. ESD Test Waveform for IEC1000-4-2
Figure 24. ESD Test Circuit for IEC1000-4-2
Table 4. Transceiver ESD Tolerance Levels
RS and RV add up to 330Ω for IEC1000-4-2.
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Model
t = 0ns
t = 30ns
0A
15A
30A
t →



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com