Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECA-L/TR Datasheet(PDF) 14 Page - Exar Corporation

Part # SP3243ECA-L/TR
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECA-L/TR Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP3243ECA-L/TR Datasheet HTML 10Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 11Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 12Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 13Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 14Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 15Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 16Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 17Page - Exar Corporation SP3243ECA-L/TR Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_100_072309
Figure 19. SP3243E Driver Output Voltages vs. Load
Current per Transmitter
Figure 20. Circuit for the connectivity of the SP3243E with a DB-9 connector
6
4
2
0
-2
-4
-6
Load Current Per Transmitter [mA]
Vout+
Vout-
The SP3243E driver outputs are able to maintain
voltage under loading of up to 2.5mA per driver,
ensuring sufficient output for mouse-driving ap-
plications.
6
7
8
9
1
2
3
4
5
DB-9
Connector
6. DCE Ready
7. Request to Send
8. Clear to Send
9. Ring Indicator
DB-9 Connector Pins:
1. Received Line Signal Detector
2. Received Data
3. Transmitted Data
4. Data Terminal Ready
5. Signal Ground (Common)
SP3243E
28
24
2
1
27
3
26
5k Ω
5k Ω
5k Ω
5k Ω
5k Ω
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
14
13
12
20
19
18
17
16
15
0.1 µF
0.1 µF
0.1 µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1 µF
0.1 µF
9
10
11
4
5
6
7
8
To µP Supervisor
Circuit
23
22
21
VCC
VCC
25
T1IN
R1OUT
R1IN
T2OUT
R2OUT
T2IN
T3IN
T3OUT
T1OUT
R2IN
R3IN
R4IN
R5IN
R2OUT
R3OUT
R4OUT
R5OUT
ONLINE
SHUTDOWN
STATUS
0
+
VOUT
VOUT -
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com