Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP707EN-L/TR Datasheet(PDF) 13 Page - Exar Corporation

Part # SP707EN-L/TR
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP707EN-L/TR Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP707EN-L/TR Datasheet HTML 9Page - Exar Corporation SP707EN-L/TR Datasheet HTML 10Page - Exar Corporation SP707EN-L/TR Datasheet HTML 11Page - Exar Corporation SP707EN-L/TR Datasheet HTML 12Page - Exar Corporation SP707EN-L/TR Datasheet HTML 13Page - Exar Corporation SP707EN-L/TR Datasheet HTML 14Page - Exar Corporation SP707EN-L/TR Datasheet HTML 15Page - Exar Corporation SP707EN-L/TR Datasheet HTML 16Page - Exar Corporation SP707EN-L/TR Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
Applications
The SP705-708/813L series offers
unmatched performance and the lowest power
consumption for these industry standard devices.
Refer to Figures 20 and 21 for supply current
performance characteristics rated against
temperature and supply voltages.
Table 2 shows how the SP705-708/813L
series can be used instead of the Dallas
Semiconductor DS1232LP/LPS.
Table 2
illustrates to a designer the advantages and trade-
offs of the SP705-708/813L series
compared to the Dallas Semiconductor device.
While the names of the pin descriptions may
differ, the functions are the same or very similar.
Figure 20. Supply Current vs. Temperature
Figure 21. Supply Current vs. Supply Voltage
Unlike the DS1232, the SP705-708/813L
series has a separate watchdog output pin WDO
which can be simply connected to the MR input
to generate a Reset signal. The DS1232 has pin
selectable features, while the SP705-708/813L
series has more fixed functions of reset
threshold and watchdog time-out delay. For
most applications, the fixed functions will be
preferred, with the benefit of reduced cost due to
a less complex part. In addition, the SP705-708/
813L series has a power fail input and
output function not available with the DS1232
that is useful for monitoring systems with
unregulated supply voltages. The SP705-708/
813L series is available in one of the
industry's smallest space-saving package sizes,
the
µSOIC.
45
44
43
42
41
40
39
38
37
36
35
-40C
25C
+85C
4.75V
5.0V
5.5V
Centigrade Temperature
45
44
43
42
41
40
39
38
37
36
35
4.75V
5.0V
5.5V
-40C
25C
+85C
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com