Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP707EN-L/TR Datasheet(PDF) 6 Page - Exar Corporation

Part # SP707EN-L/TR
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP707EN-L/TR Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP707EN-L/TR Datasheet HTML 2Page - Exar Corporation SP707EN-L/TR Datasheet HTML 3Page - Exar Corporation SP707EN-L/TR Datasheet HTML 4Page - Exar Corporation SP707EN-L/TR Datasheet HTML 5Page - Exar Corporation SP707EN-L/TR Datasheet HTML 6Page - Exar Corporation SP707EN-L/TR Datasheet HTML 7Page - Exar Corporation SP707EN-L/TR Datasheet HTML 8Page - Exar Corporation SP707EN-L/TR Datasheet HTML 9Page - Exar Corporation SP707EN-L/TR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
6
Figure 4A. Power-Fail Comparator De-assertion
Response Time.
30pF
1K
Ω
PFO
+1.25V
+5V
PFI
VCC = +5V
TA = +25 C
Figure 4B. Circuit for the Power-Fail Comparator De-
assertion Response Time.
Figure 5A. Power-Fail Comparator Assertion Response
Time.
Figure 5B. Circuit for the Power-Fail Comparator
Assertion Response Time.
Figure 6A. SP705/707 RESET Output Voltage vs.
Supply Voltage.
Figure 6B. Circuit for the SP705/707 RESET Output
Voltage vs. Supply Voltage.
30pF
1K
Ω
PFO
+1.25V
+5V
PFI
VCC = +5V
TA = +25 C
330pF
2K
Ω
VCC
TA = +25
oC
VCC
RESET
RESET
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com