Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP707EN-L/TR Datasheet(PDF) 9 Page - Exar Corporation

Part # SP707EN-L/TR
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP707EN-L/TR Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP707EN-L/TR Datasheet HTML 5Page - Exar Corporation SP707EN-L/TR Datasheet HTML 6Page - Exar Corporation SP707EN-L/TR Datasheet HTML 7Page - Exar Corporation SP707EN-L/TR Datasheet HTML 8Page - Exar Corporation SP707EN-L/TR Datasheet HTML 9Page - Exar Corporation SP707EN-L/TR Datasheet HTML 10Page - Exar Corporation SP707EN-L/TR Datasheet HTML 11Page - Exar Corporation SP707EN-L/TR Datasheet HTML 12Page - Exar Corporation SP707EN-L/TR Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
FEATURES
The SP705-708/813L series provides four
key functions:
1. A reset output during power-up, power-down
and brownout conditions.
2. An independent watchdog output that goes
LOW if the watchdog input has not been toggled
within 1.6 seconds.
3. A 1.25V threshold detector for power-fail
warning, low battery detection, or monitoring a
power supply other than +5V.
4. An active-LOW manual-reset that allows
RESET to be triggered by a pushbutton switch.
The SP707/708 devices are the same as the
SP705/706 devices except for the active-HIGH
RESET substitution of the watchdog timer. The
SP813L is the same as the SP705 except an
active-HIGH RESET is provided rather than an
active-LOW RESET. The SP705/707/813L
devices generate a reset when the supply voltage
drops below 4.65V. The SP706/708
devices generate a reset below 4.40V.
The SP705-708/813L series is ideally
suited for applications in automotive systems,
intelligent instruments, and battery-powered
computers and controllers. The SP705-708/813L
series is ideally applied in environments
where monitoring of power supply to a
µP and its
related components is critical.
THEORY OF OPERATION
The SP705-708/813L series is a
microprocessor (
µP) supervisory circuit that
monitors the power supplied to digital circuits
such as microprocessors, microcontrollers, or
memory. The series is an ideal solution for
portable, battery-powered equipment that
requires power supply monitoring. Implementing
this series will reduce the number of components
and overall complexity. The watchdog functions
of this product family will continuously oversee
the operational status of a system. The operational
features and benefits of the SP705-708/813L
series are described in more detail below.
RESET Output
A microprocessor's reset input starts the
µP
in a known state. The SP705-708/813L
series asserts reset during power-up and
prevents code execution errors during power-
down or brownout conditions.
On power-up, once V
CC reaches 1.1V, RESET
is a guaranteed logic LOW of 0.4V or less. As V
CC
rises, RESET stays LOW.
When V
CC rises
above the reset threshold, an internal timer re-
leases RESET after 200ms.
RESET pulses
LOW whenever V
CC dips below the reset thresh-
old, such as in a brownout condition. When a
brownout condition occurs in the middle of a
previously initiated reset pulse, the pulse con-
tinues for at least another 140ms. On power-
down, once V
CC falls below the reset threshold,
RESET stays LOW and is guaranteed to be 0.4V
or less until V
CC drops below 1.1V.
The SP707/708/813L active-HIGH
RESET output is simply the complement of the
RESET output and is guaranteed to be valid with
V
CC down to 1.1V. Some µPs, such as Intel's
80C51, require an active-HIGH reset pulse.
Watchdog Timer
The SP705/706/813L watchdog circuit
monitors the
µP's activity. If the µP does not
toggle the watchdog input (WDI) within 1.6
seconds and WDI is not tri-stated, WDO goes
LOW. As long as RESET is asserted or the WDI
input is tri-stated, the watchdog timer will stay
cleared and will not count. As soon as RESET
is released and WDI is driven HIGH or LOW,
the timer will start counting. Pulses as short as
50ns can be detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com