Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3077EEN-L/TR Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3077EEN-L/TR
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3077EEN-L/TR Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3077EEN-L/TR Datasheet HTML 7Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 8Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 9Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 10Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 11Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 12Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 13Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 14Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
FIGuRE 8. RECEIVER ENaBlE & DISaBlE TIMING DIaGRaM
FIGuRE 7. RECEIVER ENaBlE & DISaBlE TIMES TEST CIRCuIT
1.5V
-1.5V
S3
A
GENERATOR
50Ω
CL = 15pF
R
1kΩ
S1
S2
VCC
B
RE
3V
0V
1.5V
VCC
RE
OUT
S1 is closed, S2 is open, S3 = -1.5V
tZL,tZL(SHDN)
VOL= VCC/2
VOL
3V
0V
1.5V
VCC
RE
OUT
S1 is closed, S2 is open, S3 = -1.5V
tLZ
VOL
0.25V
3V
1.5V
0V
RE
OUT
S1 is open S2 is closed S3 = 1.5V
VOH
tHZ
0.25V
3V
1.5V
0V
RE
OUT
S1 is open S2 is closed S3 = 1.5V
VOH
tZH,tZH(SHDN)
VOH/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com