Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3077EEN-L/TR Datasheet(PDF) 13 Page - Exar Corporation

Part # SP3077EEN-L/TR
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3077EEN-L/TR Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP3077EEN-L/TR Datasheet HTML 9Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 10Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 11Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 12Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 13Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 14Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 15Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 16Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
PIN DESCRIPTION
FULL DUPLEX
DEVICES
HALF
DUPLEX
DEVICES
PIN
NAME
PIN FUNCTION
SP3070E SP3071E
SP3072E
SP3073E SP3074E
SP3075E
SP3076E SP3077E
SP3078E
PIN NUMBER
2
2
1
RO
Receiver Output. When RE is low and if (A – B) ≥
-50mV, RO is High. If (A – B) ≤ - 200mV, RO is low.
3
-
2
RE
Receiver Output Enable. When RE is low, RO is enabled.
When RE is high, RO is high impedance. RE should be
high and DE low to enter shutdown mode. RE is a hot-
swap input.
4
-
3
DE
Driver Output Enable. When DE is high, outputs are
enabled. When DE is low, outputs are high impedance. DE
should be low and RE high to enter shutdown mode. DE is
a hot-swap input.
5
3
4
DI
Driver Input. With DE high, a low level on DI forces
noninverting output low and inverting output high. Similarly,
a high level on DI forces noninverting output high and
inverting output low.
6, 7
4
5
GND Ground
9
5
-
Y
Noninverting Driver Output
10
6
-
Z
Inverting Driver Output
11
7
-
B
Inverting Receiver Input
-
-
7
B
Inverting Receiver Input and Inverting Driver Output
12
8
-
A
Noninverting Receiver Input
-
-
6
A
Noninverting Receiver Input and Noninverting Driver
Output
14
1
8
V
CC
Positive Supply V
CC . Bypass VCC to GND with a 0.1uF
capacitor.
1, 8, 13
-
-
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com