Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3077EEN-L/TR Datasheet(PDF) 16 Page - Exar Corporation

Part # SP3077EEN-L/TR
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3077EEN-L/TR Datasheet(HTML) 16 Page - Exar Corporation

Back Button SP3077EEN-L/TR Datasheet HTML 12Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 13Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 14Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 15Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 16Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 17Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 18Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 19Page - Exar Corporation SP3077EEN-L/TR Datasheet HTML 20Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
16
Second, a thermal-shutdown circuit, forces
the driver outputs into a high-impedance
state if the die temperature becomes ex-
cessive.
lINE lENGTH
The RS-485/RS422 standard covers line
lengths up to 4000ft.
TyPICal aPPlICaTIONS
The SP3072E, SP3075E and SP3078E
transceivers are designed for bidirectional
data communications on multipoint bus
transmission lines.
DETaIlED DESCRIPTION
To minimize reflections, terminate the line at
both ends in its characteristic impedance,
and keep stub lengths off the main line as
short as possible. The slew-rate-limited
SP3070E - SP3075E are more tolerant of
imperfect termination.
PaRTS SElECTOR GuIDE
PART
NUMBER
Half/Full
Duplex
Datarate
Mbps
Shut-
down
Receiver
Driver Enable
Trans.
On Bus
Pin
Count
Industry Standard
Pinout
Pin
Compatible
Upgrade from:
SP3070E
Full
0.25
Yes
Yes
256
14
MAX3070E, 75180
SP3071E
Full
0.25
No
No
256
8
MAX 3071E, 75179
SP3493
SP3072E
Half
0.25
Yes
Yes
256
8
MAX 3072E, 75176
SP3483
SP3073E
Full
0.5
Yes
Yes
256
14
MAX 3073E, 75180
SP3074E
Full
0.5
No
No
256
8
MAX 3074E, 75179
SP3075E
Half
0.5
Yes
Yes
256
8
MAX 3075E, 75176
SP3494
SP3076E
Full
16
Yes
Yes
256
14
MAX 3076E, 75180
SP3491
SP3077E
Full
16
No
No
256
8
MAX3077E, 75179
SP3490
SP3078E
Half
16
Yes
Yes
256
8
MAX 3078E, 75176
SP3485,
SP3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com