Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007921 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007921
Description  High Power GaAs SPDT Switch DC - 7.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007921 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-007921 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Power GaAs SPDT Switch
DC - 7.0 GHz
Rev. V1
MASW-007921
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V / 3 V, 4.7 pF Capacitor
8,9
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss RFC to RX
0.05 - 2 GHz
10
2.4 GHz
3.5 GHz
5.8 GHz
dB
dB
dB
dB
—
—
—
—
0.5
0.6
0.70
0.8
—
0.85
—
—
Insertion Loss RFC to TX
0.05 - 2 GHz
10
2.4 GHz
3.5 GHz
5.8 GHz
dB
dB
dB
dB
—
—
—
—
0.5
0.65
0.65
1.2
—
0.85
—
—
Isolation
0.05 - 2 GHz
10
2.4 GHz
3.5 GHz
5.8 GHz
dB
dB
dB
dB
—
21
—
—
27
25
26
30
—
—
—
—
Return Loss
DC - 6.0 GHz
dB
—
15
—
Input IP2 RX
10 MHz Spacing, +20 dBm
2.4 GHz
3.5 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
102
99
84
—
—
—
Input IP2 TX
10 MHz Spacing, +20 dBm
2.4 GHz
3.5 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
104
101
88
—
—
—
Input IP3 RX
10 MHz Spacing, +20 dBm
2.4 GHz
3.5 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
59
57
51
—
—
—
Input IP3 TX
10 MHz Spacing, +20 dBm
2.4 GHz
3.5 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
62
58
52
—
—
—
Input P0.1dB RX
2.4 GHz
3.5 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
38
37
39
—
—
—
Input P0.1dB TX
2.4 GHz
3.5 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
38
40
39
—
—
—
Trise, Tfall
10% to 90% RF
90% to10% RF
nS
nS
—
—
21
18
—
—
Ton, Toff
50% control to 90% and
50% control to 10% RF
nS
—
40
—
Control Current
µA
—
2.0
10.0
Transients
mV
—
100
—
8. For positive voltage control, external DC blocking capacitors are required on all RF ports.
9. Performance can be optimized by varying the DC blocking capacitor value. See application schematic for details.
10. 0.05 - 2.0 GHz specifications apply with 1000 pF blocking capacitors. See applications section for typical data.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com