Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007921 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007921
Description  High Power GaAs SPDT Switch DC - 7.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007921 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-007921 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
High Power GaAs SPDT Switch
DC - 7.0 GHz
Rev. V1
MASW-007921
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Truth Table 12,13
12. Differential voltage, V (state 1) - V (state 0), must be
+2.7 V minimum and must not exceed 8.0 V.
13. Positive Control: 1 = +2.9 V to +8 V, 0 = 0 V + 0.2 V.
Negative Control: 1 = 0 V + 0.2 V, 0 = -2.9V to –8.0 V.
Control
VC1
Control
VC2
RFC - TX
RFC - RX
1
0
On
Off
0
1
Off
On
Application Schematic 11
Frequency
Recommended Value
C1 - C3
2.0 - 6.0 GHz
4.7 pF
4.9 - 7.0 GHz
1.5 pF
0.05 - 2.0 GHz
1000 pF
2.4 - 2.5 GHz
8 pF
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –1.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
11. M/A-COM recommends connecting unused package pins
(N/C) to ground as shown.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com