Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007921 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007921
Description  High Power GaAs SPDT Switch DC - 7.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007921 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-007921 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-007921 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Power GaAs SPDT Switch
DC - 7.0 GHz
Rev. V1
MASW-007921
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Functional Schematic
Features
• Ideal for high power SPDT switch applications
including WiMAX, WLAN, Mesh Networks, and
Fixed Wireless Access
• Broadband Performance: DC - 7.0 GHz
• Low Insertion Loss:
0.65 dB @ 3.5 GHz, RFC to TX
0.70 dB @ 3.5 GHz, RCF to RX
• High P0.1dB Compression:
40 dBm @ 3V, 3.5 GHz, RFC to TX
• Fast Settling for Low Gate Lag requirements
• Lead-Free 2 mm 8-Lead PDFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
• Asymmetrical Design for optimized performance
Description
M/A-COM’s MASW-007921 is a broadband GaAs
pHEMT MMIC SPDT switch available in a lead-free
2 mm 8-lead PDFN package. The MASW-007921 is
ideally suited for applications where very small size
and high linearity are required.
Typical applications include WiMAX, WLAN, Mesh
networks, fixed wireless access, and other higher
power systems. This switch has a very high initial
compression point, ideal for complex modulations
such as OFDM, with large peak average power
levels.
The MASW-007921 is fabricated using a 0.5 micron
gate length GaAs pHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Pin No.
Pin Name
Description
1
TX
RF Output 1
2
N/C
No Connection
3
N/C
No Connection
4
RX
RF Output 2
5
GND
RF and DC Ground
6
VC2
Voltage Control 2
7
RFC
RF Common
8
VC1
Voltage Control 1
9
Paddle
4
RF and DC Ground
Pin Configuration 3
Ordering Information 1,2
Part Number
Package
MASW-007921-TR3000
3000 piece reel
MASW-007921-001SMB
Sample Board
2.0 - 6.0 GHz Tuning
MASW-007921-002SMB
Sample Board
0.05 - 2.0 GHz Tuning
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin 1
3. M/A-COM recommends connecting unused pins to ground.
4. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Absolute Maximum Ratings 5,6,7
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
7. Maximum Input Power applies for 0.5 to 7.0 GHz range.
Parameter
Absolute Maximum
Input Power @ 5 V Control
(RFC to RX Path)
+38 dBm
Input Power @ 5 V Control
(RFC to TX Path)
+40 dBm
Voltage
≤ 8.5 volts
Operating Temperature
-40°C to +85
°C
Storage Temperature
-65
°C to +150°C
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MASW-007921

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007921 MA-COM-MASW-007921 Datasheet
165Kb / 6P
High Power GaAs SPDT Switch
MASW-007921-001SMB MA-COM-MASW-007921-001SMB Datasheet
721Kb / 7P
High Power GaAs SPDT Switch
MASW-007921-002SMB MA-COM-MASW-007921-002SMB Datasheet
721Kb / 7P
High Power GaAs SPDT Switch
MASW-007921-TR3000 MA-COM-MASW-007921-TR3000 Datasheet
721Kb / 7P
High Power GaAs SPDT Switch
MASW-007921 MA-COM-MASW-007921_15 Datasheet
721Kb / 7P
High Power GaAs SPDT Switch
More results

Similar Description - MASW-007921

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-106 MACOM-SW-106 Datasheet
105Kb / 3P
High Power GaAs SPDT Switch DC - 3 GHz
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
MASWSS0161 MACOM-MASWSS0161 Datasheet
167Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
SW-276 MACOM-SW-276 Datasheet
118Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS421 HW-HWS421 Datasheet
70Kb / 2P
GaAs DC-2.0 GHz SPDT High Power Switch
logo
M/A-COM Technology Solu...
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
SW-276 MA-COM-SW-276 Datasheet
110Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
logo
Hexawave, Inc
HWS421_V3 HW-HWS421_V3_15 Datasheet
58Kb / 2P
GaAS DC-2.0 GHz SPDT High Power Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com