Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7656EN2-L/TR Datasheet(PDF) 10 Page - Exar Corporation

Part # SP7656EN2-L/TR
Description  3A, 29V Non-Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7656EN2-L/TR Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP7656EN2-L/TR Datasheet HTML 2Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 3Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 4Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 5Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 6Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 7Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 8Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 9Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
11/07/08 SP7656 PowerBlox
Copyright 2008 EXAR Corporation
10
Ordering Information
Part Number
Temperature Range
Package
SP7656EN2-L………………………….- 40°C to 125°C…………………(Lead Free) 8-pin HSOICN
SP7656EN2-L/TR……………………..- 40°C to 125°C………………….(Lead Free) 8-pin HSOICN
/TR = Tape and Reel
Pack Quantity for Tape and Reel is 2500
Revision History
DATE
REVISION
DESCRIPTION
February 2008
A
-
Original Release
July 2008
B
-
Block Diagram Update to include FET
-
Formatting changes
For further assistance:
Email:
customersupport@exar.com
EXAR Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
Exar Corporation
Headquarters and
Sales Office
48720 Kato Road
Fremont, CA 94538
main: 510-668-7000
fax: 510-668-7030
EXAR Corporation reserves the right to make changes to the products contained in this
publication in order to improve design, performance or reliability. EXAR Corporation
assumes no responsibility for the use of any circuits described herein, conveys no
license under any patent or other right, and makes no representation that the circuits are
free of patent infringement. Charts and schedules contained here in are only for
illustration purposes and may vary depending upon a user’s specific ap
plication. While
the information in this publication has been carefully checked; no responsibility,
however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support
applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless EXAR
Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or
damage has been minimized; (b) the user assumes all such risks; (c) potential liability of
EXAR Corporation is adequately protected under the circumstances.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com