Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7656EN2-L/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7656EN2-L/TR
Description  3A, 29V Non-Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7656EN2-L/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP7656EN2-L/TR Datasheet HTML 1Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 2Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 3Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 4Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 5Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 6Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 7Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 8Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
11/07/08 SP7656 PowerBlox
Copyright 2008 EXAR Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the
operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
PVIN….............................................................. -0.3V to 30V
SVIN…………………………………………..…..
-0.3V to 30V
Lx…………………………
.……………………….…-2V to 30V
ISET……………………………
.……………………-2V to 30V
FB……………..............................
....................-0.3V to 5.5V
Storage Temperature..……
.……………..…-65 C to 150 C
Junction Temperature..................................-40C to 125C
Lead Temperature (Soldering, 10 sec)......…………..300 C
ELECTRICAL SPECIFICATIONS
Specifications are for TAMB=TJ=25C, and those denoted by ♦ apply over the full operating range, -40C< Tj <85C.
Unless otherwise specified: VIN =4.5V to 29V, CIN = 4.7F.
PARAMETER
MIN
TYP
MAX
UNITS
♦
CONDITIONS
UVLO Turn-On Threshold
4.2
4.35
4.5
V
0C< Tj <85C
UVLO Turn-Off Threshold
4.0
4.15
4.3
V
0C< Tj <85C
UVLO Hysteresis
0.2
V
Operating Input Voltage
Range
4.5
29
V
0C< Tj <85C
Operating Input Voltage
Range
7
29
V
♦
Operating VCC Current
0.3
3
mA
VFB=1.2V
Reference Voltage Accuracy
0.5
%
Reference Voltage Accuracy
0.5
2
%
♦
Reference Voltage
0.6
V
Reference Voltage
0.588
0.6
0.612
V
♦
Switching Frequency
510
600
690
kHz
Minimum ON-Pulse Duration
40
100
ns
♦
Minimum Duty Cycle
0
%
Maximum Duty Cycle
100
%
*See Duty Cycle restriction- applications section
SVIN - VDR voltage difference
4.5
5.5
V
♦
Measure SVIN – VDR, SVIN>7V
Overcurrent Threshold
270
300
330
mV
Measure SVIN - ISET
ISET pin Input Current
25
30
35
µA
VISET = SVIN
OFF interval during hiccup
100
ms
Soft start time
3
5
9
ms
VFB=0.58V, measure between VIN=4.5V
and first GATE pulse
SHDN Threshold
0.8
1.0
1.2
V
♦
Apply voltage to FB
SHDN Threshold Hysteresis
100
mV
P-Channel FET ON
Resistance
60
mΩ
P-Channel FET Source
leakage
3
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com