Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7656EN2-L/TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP7656EN2-L/TR
Description  3A, 29V Non-Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7656EN2-L/TR Datasheet(HTML) 3 Page - Exar Corporation

  SP7656EN2-L/TR Datasheet HTML 1Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 2Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 3Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 4Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 5Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 6Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 7Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 8Page - Exar Corporation SP7656EN2-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
11/07/08 SP7656 PowerBlox
Copyright 2008 EXAR Corporation
3
FAULT
Register
Set Dominant
POR
ENBL
4-Bit counter
FET GATE
VIN - 0.3V
Overcurrent
Comparator
VDR
30uA
5V Internal LDO
Vin - 5V LDO
LX
GND
VDR
Power PAD
PVIN
ISET
SVIN
Internal
P-FET
R
5V
+
-
+
-
VREF
FAULT
FB
Oscillator
VIN
S
R
I = k x VIN
Error Amplifier
PWM Comparator
PWM Latch
Reset Dominant
FAULT
+
-
1V
FAULT
200ms delay
UVLO
S
R
R
PIN DESCRIPTION
PIN #
PIN NAME
DESCRIPTION
1
FB
Regulator feedback input. Connect to a resistive voltage-divider network to set the
output voltage. This pin can be also used for ON/OFF control. If this pin is pulled above
1V the controller resets internal soft start circuit.
2
GND
Ground pin.
3
VDR
Power supply for the internal driver. This voltage is internally regulated to about 5V
below VIN. Place a 0.1uF decoupling capacitor between VDR and Vin as close as
possible to the IC.
4,5
PVIN
Internal P-Channel FET Source. Connect to input voltage.
6
SVIN
Input power supply for the controller. Place input decoupling capacitor as close as
possible to this pin. Connect to input voltage.
7,9
LX
Internal P-Channel FET Drain. Connect to the output inductor.
8
ISET
This pin is used as a current limit input for the internal current limit comparator. Connect
to LX through an optional resistor. Internal threshold is pre-set to 300mV nominal and
can be decreased by changing the external resistor based on the following formula:
VTRSHLD = 300mV – 30uA * R. Where R≤3kΩ
CONVERTER BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com