Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3449 Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC3449
Description  PROGRAMMABLE CALCULATOR WITH 10BIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3449 Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC3449 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 17Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SC3449
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.19
Http: www.silan.com.cn
Page 13 of 23
Requirement
Key-press
Result vision
Example
Enter the regression (REG)
mode
(Quadratic regression)
(Clear the memory)
(Input data)
(Regression coefficient A)
(Regression coefficient B)
(Regression coefficient C)
(The value of yˆwhen xi=16)
(The value of xˆwhen yi=20)
(The value of xˆwhen yi=20)
MODE 3
3
SHIFT Scl
29 , 1.6 DT 50 , 23.5 DT
74 , 38.0 DT 103 , 46.4 DT
118 , 48.0 DT
SHIFT A
SHIFT B
SHIFT C
16 SHIFT
yˆ
20 SHIFT
xˆ
SHIFT
xˆ
0.
118.
-
35.5985693
1.495939412
-
6.716296661
-03
-13.38291065
47.14556729
175.5872106
Notice when input data:
Ÿ Pressing DT DT can input the same data twice.
Ÿ Using SHIFT ; you can input the same data time after time. For example, if you want to input 20 and 30
five times, you can press 20 , 30 SHIFT ; 5 DT .
Ÿ The above result can be required in arbitrary order not necessarily in the above order.
Ÿ If you need to delete the just inputting data, you can press SHIFT CL.
7. Degree, minute, and second calculation
Ÿ You can use degree(hour), minute and second to go along calculation, and you can also perform
sexagesimal system calculation between minute and second, also can transfer between
sexagesimal
system and decimal system.
Arithmetic formula
Key-press
Result vision
Example1
Transfer the decimal
number 2.258 to
sexagesimal system
2.258
SHIFT
‚
„
2.258
2 15 28.8
Example2
Perform the calculation
12 34’
56”×3.45
12
‚
„34
‚
„56
‚
„×
3.45
43 24 31.2
3. The technological instruction relevant to the calculation
When come up against problems
If the result is different from the prospective result, or there appears errors, please carry out the following steps:
1. Press MODE
1 (COMP) state
2. Press MODE MODE
1 (DEG) state
3. Press MODE MODE MODE 3 1 (NORM 1 state)
4. Check the using formula to make sure whether it is right.
5. Enter the right state, calculate again.
If the above operations cannot solve the problem yet, please press the reset key RESET, and all the data in
the calculator will be deleted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com