Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3449 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC3449
Description  PROGRAMMABLE CALCULATOR WITH 10BIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3449 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC3449 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SC3449
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.19
Http: www.silan.com.cn
Page 3 of 23
(Continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output High Current (PA7 - 6)
IOH
VDD = 3V
VOH = 2V
-
2.5
-
mA
Output Sink Current (PA7 - 6)
IOL
VDD = 3V
VOL = 1V
-
-2.5
-
mA
Oscillator Resistor
Rosc
FCPU = 500KHz @ 3V
-
350
-
K
Ω
CPU Clock frequency
FCPU
VDD = 3V
-
-
1.0
MHz
PIN CONFIGURATION
SC3449
SEG18
SEG17
SEG16
SEG15
SEG14
SEG12
SEG13
SEG11
SEG10
SEG9
SEG8
SEG7
SEG5
SEG6
SEG4
SEG3
SEG2
SEG1
COM1
COM2
TEST
SEG58
SEG57
SEG56
SEG55
SEG54
SEG53
SEG52
SEG51
SEG50
VSS
SEG49
SEG48
SEG47
SEG46
SEG45
SEG44
SEG43
SEG42
SEG41
SEG40
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
PIN DESCRIPTION
Pin No.
Pin name
Pin description
25
VDD
Power supply input
52
VSS
Ground input
27
RESET
System reset input (internal pull-up) , low active
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com