Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3449 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC3449
Description  PROGRAMMABLE CALCULATOR WITH 10BIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3449 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC3449 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3449 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SC3449
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.19
Http: www.silan.com.cn
Page 2 of 23
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
DC Power Supply
VDD
< 6
V
Input Voltage
VIN
-0.5
VDD + 0.5
V
Operation Temperature
Tamb
0 ~ +60
°C
Storage Temperature
TSTO
-50 ~ +150
°C
Note: Error or device damaging will occur when the value is over these absolute maximum ratings. Normal
operation parameter is to see AC/DC electrical parameter.
DC ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, VDD = 3 V)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
2 batteries
2.4
-
3.6
V
Operating Current
IOP
FCPU = 500KHz @ 3V,no key-
press
-
35
-
µA
standby Current
ISTBY
VDD = 3V, 32768Hz OFF,
ROSC OFF
-
0
0.1
µA
Input High Level
VIH
VDD = 3V
2.0
-
-
V
Input Low Level
VIL
VDD = 3V
-
-
0.8
V
Output High Current (PA5 - 0)
IOH
VDD = 3V
VOH = 2V
-
1.0
-
mA
Output Sink Current (PA5 - 0)
IOL
VDD = 3V
VOL = 1V
-
-1.0
-
mA
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com