Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7315 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC7315
Description  2CH OUTPUT STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7315 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC7315 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC7315
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 2 of 13
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Ratings
Unit
Supply Voltage
VS
10.2
V
Operating Temperature
Tamb
-40 ~ +85
°C
Storage Temperature
Tstg
-55 ~ +150
°C
QUICK REFERENCE DATA
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vs
6
9
10
V
Maximum Input Signal Handling
VCL
2
Vrms
Total Harmonic Distortion ,V=1Vrms,
f=1kHz
THD
0.01
0.1
%
Signal to Noise Ratio
S/N
106
dB
Channel Separation, f=1kHz
SC
103
dB
Volume Control, 1.25dB Step
-78.75
0
dB
Bass and Treble Control, 2dB step
-14
+14
dB
Fader and Balance Control, 1.25dB step
-38.75
0
dB
Input Gain, 3.75dB Step
0
11.25
dB
Mute Attenuation
100
dB
ELECTRICAL CHARACTERISTICS (Refer to the test circuit)
(Tamb=25
°C,VS=9.0V,RL=10kΩ RG=600Ω all controls flat(G=0), f=1kHz,Unless otherwise specified)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
Operating Supply Voltage
VS
6
9
10.0
V
Operating Supply Current
IS
20.0
35.0
mA
Ripple Rejection of Supply Voltage
SVR
60
80
dB
VOLUME CONTROL
Input Resistance
RIV
20
33
50
k
Ω
Control Range
Crange
70
75
80
dB
Minimum Attenuation
AV(min)
-1
0
1
dB
Maximum Attenuation
AV(max)
70
75
80
dB
Step Resolution
ASTEP
0.5
1.25
1.75
dB
AV=0 to –20dB
-1.25
0
1.25
Attenuation Set Error
EA
AV=-20 to –60dB
-3
2
dB
Tracking Error
ET
2
dB
Adjacent attenuation steps
0
3
mV
DC Steps
VDC
From 0dB to AV max
0.5
7.5
mV
SPEAKER ATTENUATORS
Control Range
Crange
35
37.5
40
dB
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com