Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7315 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC7315
Description  2CH OUTPUT STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7315 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC7315 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC7315
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 4 of 13
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
18
17
CREF
VDD
GND
L
R
IN(R)
LOUD R
NC
LOUD L
SCL
SDA
DGND
OUT L
BOUT(R)
BIN(R)
BOUT(L)
BIN(L)
20
19
NC
IN(L)
OUT R
TREBLE
BASS
BUS
INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com