Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7315 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC7315
Description  2CH OUTPUT STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7315 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC7315 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SC7315
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 1 of 13
2-CH OUTPUT STEREO AUDIO PROCESSOR
DIP-20-300-2.54
SOP-20-375-1.27
DESCRIPTION
The SC7315 is a volume, tone (bass and treble), balance (left/ right)
and fader processor for quality audio applications in car radio and Hi-Fi
systems. Selectable input gain and external loudness function are
provided. Control is accomplished by serial I
2C bus microprocessor
interface. The AC signal settings is obtained by resistor networks and
switches combined with operational amplifiers. Due to the Used CMOS
technology, low distortion, low noise and low DC stepping are obtained.
FEATURES
* 2 stereo inputs
* Two speaker attenuators:
--2 independent speakers control in 1.25dB steps for balance and fader
facilities
--Independent mute function
* All functions programmable via serial I
2C Bus
* Loudness function
* Volume control in 1.25dB steps
* Treble and bass control
* Input and output for external equalizer ornoise reduction system
ORDERING INFORMATION
Device
Package
SC7315
DIP-20-300-2.54
SC7315S
SOP-20-375-1.27
BLOCK DIAGRAM


Similar Part No. - SC7315

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7312S SILAN-SC7312S Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
SC7313S SILAN-SC7313S Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
More results

Similar Description - SC7315

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
May-1991
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT2347 PTC-PT2347 Datasheet
213Kb / 3P
Stereo Audio Processor
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com