Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC46166S Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC46166S
Description  300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46166S Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC46166S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SC46166
300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
SOT-89-5
SOT-23-6
DESCRIPTION
The SC46166 is a compact, high efficiency, and low voltage
step-up DC/DC converter, includes an error amplifier, ramp
generator, current comparator, slope compensation, current sense
and driver. Peak current mode PWM control with internal
compensation reduces external parts count and provides a stable
and high efficient operation over a wide range of load currents.
The low start-up input voltage below 0.85V makes SC46166
suitable for 1 to 4 battery cells applications. A high switching
frequency of 500kHz minimizes overall solution footprint by allowing
the use of tiny, low profile inductors and ceramic capacitors. The
SC46166 shifts automatically to Power Saving Mode operation at
light loads, the 20uA low quiescent current together with high
efficiency maintains long battery lifetime. The device also features
low shutdown current of under 1
μA.
FEATURES
* 0.85V Low Start-up Input Voltage
* High Supply Capability to Deliver 3.3V 100mA with 1 Alkaline
Cell
* Automatic Power Saving Mode Operation with 20μA Quiescent
Supply Current
* Up to 90% Efficiency
* Output Range: 2.5V to 6V
* Shutdown Mode Supply Current : <1uA
* 500kHz Fixed Switching Frequency
* Over Temperature Protection
* 4KV HBM ESD
* Small SOT-23-6 & SOT-89-5 Package
APPLICATIONS
* MP3 Players
* Digital Cameras
* PDA
* LCD Bias Supplies
* Portable Instrument
* Wireless Equipment
ORDERING INFORMATION
Package
Seal
Device
SC46166
SOT-23-6
46166
SC46166S
SOT-89-5
46166S
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.04
Http://www.silan.com.cn
Page 1 of 11


Similar Part No. - SC46166S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC4611 SEMTECH-SC4611 Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
SC4611ITSTRT SEMTECH-SC4611ITSTRT Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612EVB SEMTECH-SC4612EVB Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
More results

Similar Description - SC46166S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
ams AG
AS1325 AMSCO-AS1325 Datasheet
1,012Kb / 17P
300mA Step-Up DC-DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
First Components Intern...
FT1301 FCI-FT1301 Datasheet
296Kb / 8P
300mA High Efficiency and Low Voltage Step-up DC to DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com