Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB136 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB136
Description  Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB136 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB136 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB136
Preliminary Information
© SUMMIT Microelectronics, Inc. 2007 • 757 N. Mary • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2141 2.0 7/7/2009
1
Programmable Switching Li+ Battery Charger with USB/AC Input, CurrentPath™ Manager,
TurboChargeTM Mode*, Low Battery Recovery*, AICL* and USB On-The-Go Support
INTRODUCTION
• Automatic Input Current Limit for universal USB/AC/DC adapter
compatibility*
• Optional automatic power source detection per latest USB
charging specification 1.0
• USB input with programmable input current limiting (USB2.0
compliant)
• Up to 750mA charging output from 500mA USB port or 1500mA
from AC adapter using proprietary “TurboCharge
TM Mode”
• Input/output CurrentPath™ control allows system operation
with deeply discharged/missing battery – no start-up delay
• “Low Battery Recovery” mode for >500mA startup from 100mA
USB port with deeply discharged cells – no start-up delay
• USB On-the-Go (OTG) power support (up to 500mA @ +5V)
• Reverse current blocking prevents battery discharge
• High-efficiency step-down regulator with 3MHz switching
• +4.35 to +6.2V input voltage range
• +18V input tolerance (non-operating)
• High-accuracy float voltage regulation: 1.0%
• Digital programming of all major parameters via I2C interface
o
Pre-charge voltage, float voltage
o
Input/pre-charge/fast charge/term. current
o
Battery temperature limits, safety timers
• Comprehensive protection features
o
Status/fault indicator
o
Battery/IC thermal protection
o
Short circuit/UV/OV protection
o
Charge termination safety timers
o
Software watchdog timers
• Tiny CSP-30 package
Applications
• Portable Media Players
• Smartphones/PDA’s
• Digital camcorders/still cameras
• Handheld GPS
The SMB136 is a programmable single-cell lithium-ion/lithium-polymer
battery charger designed for a variety of portable applications. The
device provides a simple and efficient way to charge high-capacity Li-
Ion batteries via a USB or AC power source. Unlike conventional
charging devices, the SMB136’s high-efficiency switch-mode operation
eliminates the low charge current and thermal problems of
conventional linear solutions. Also the switching architecture in
conjunction with programmability enables dramatically faster charging
– TurboCharge™ mode - from current limited in puts such as USB.
The SMB136 works seamlessly in conjunction with a USB controller.
Also the SMB136 can manage two outputs independently: battery
charging and system power. This allows immediate system operation
even under missing/deeply discharged battery conditions. In the case
of a low battery and insufficient/missing input supply the SMB136 can
run its switching regulator in reverse to support “Low Battery Recovery”
mode (+4.17V @ 500mA) or USB “On the Go” power (+5.0V @
500mA).
Charge control includes input current limit (supporting USB2.0), trickle
charge, pre-charge, constant current/constant voltage, float voltage
and termination/safety settings that are fully programmable via a serial
I
2C/SMBus and stored in non-volatile memory making the device truly
a flexible solution. Fast charge current level can be set via I
2C (limited
by the input current settings). An Enable (EN) pin is also provided for
suspending charging and/or sleep mode. Built-in reverse-current
blocking prevents inadvertent cell discharge.
The SMB136 also offers a wide variety of features that protect the
battery pack as well as the charger and input circuitry: over-current,
under/over-voltage, safety timers and thermal protection. Accurate
1.0% battery float voltage control ensures complete charging and
improves battery capacity utilization. Status can be monitored via the
serial port for charge state and fault conditions. In addition, the STAT
output can be used to signal charge status. Operating voltage is
specified from +4.35V to +6.2V with +18V non-operating input
tolerance.
The SMB136 is available in an ultra-compact CSP-30
package and is rated over the –30C to +85C temperature range.
SYSTEM APPLICATION
FEATURES & APPLICATIONS
Handheld Device
I2C (optional)
SMB136
Li- Ion
Charging Current
up to 1500mA
USB
System Output
up to 1400mA
USB-OTG
5.0V @ 500mA
OTG/LBR
750mA
LBR Output
5.0V @ 500mA
USB or AC Input
100/500/700-1400mA
"Ideal Diode"
Current
Total Sys. Output
>1400mA
USB
USB
USB
500mA
4.35V-5.5V
AC/DC
300-1800mA
4.5V-6.0V
Figure 1 – Using the SMB136 to charge a single cell Li+ battery from USB or AC Adapter power sources
*Patent Pending


Similar Part No. - SMB136

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB13 LITEON-SMB13 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB13 MIC-SMB13 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB13 LUGUANG-SMB13 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB130 LITEON-SMB130 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB130 MIC-SMB130 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB136

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
SMB137C SUMMIT-SMB137C Datasheet
45Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC4155 LINER-LTC4155_15 Datasheet
396Kb / 52P
Dual-Input Power Manager/ 3.5A Li-Ion Battery Charger with I2C Control and USB OTG
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4155EUFD LINER-LTC4155EUFD Datasheet
981Kb / 8P
Dual Input Power Manager/3.5A Li-Ion Battery Charger with I2C Control and USB OTG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com