Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0010 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0010
Description  1:1 Transmission line Transformer 4.5 - 3000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0010 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1:1 Transmission line
Transformer
4.5 - 3000 MHz
Rev B
Features:
• Surface Mount
• 1:1 Impedence
• Available on tape & reel
Description
M/A Com’s MABACT0010 is a 1:1 RF Transmis-
sion Line transformer in a low cost surface mount
package.It is ideally suited for high volume CATV/
Broadband applications.
Electrical Specifications: 25°C, Impedance = 75 Ohms
Parameter
Frequency (MHz)
Units
Minimum
Typical
Maximum
Frequency Range
4.5 - 3000
Insertion Loss
4.5-1000
dB
-
0.8
1.0
Insertion Loss
1000-2000
dB
-
1.6
2.0
Insertion Loss
2000-3000
dB
-
2.5
3.5
Amplitude Unbalance
4.5-1000
dB
-
0.5
1.0
Phase Unbalance
4.5-1000
°
-
10
20
1
Ordering Information
Part Number
Package
MABACT0010
Tape & Reel
12 3
54
SM-22B
Dimensions in inches [mm]
Tolerance: .xx ± .02, .xxx ± .010


Similar Part No. - MABACT0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
More results

Similar Description - MABACT0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1-13 MACOM-ETC1-1-13 Datasheet
264Kb / 2P
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007159-000000 MACOM-MABA-007159-000000 Datasheet
162Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
ETC1-1-13 MA-COM-ETC1-1-13 Datasheet
138Kb / 3P
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
101Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
111Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
MABA-008757-CT1160 MA-COM-MABA-008757-CT1160 Datasheet
102Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com