Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0068SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0068SMB
Description  SPDT High Isolation CATV Switch 5 - 1000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0068SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0068SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0068SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0068SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0068SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0068SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SPDT High Isolation CATV Switch
5 - 1000 MHz
Rev. V1
MASWSS0068
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 75 Ohm Impedance
• Positive Voltage Control (0 / +5 V)
• Low Insertion Loss: 0.60 dB at 870 MHz
• High Isolation: 51 dB at 870 MHz
• 4 mm FQFP-N 20 Lead Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0068 is a GaAs PHEMT
MMIC single pole double throw (SPDT) switch in a
low cost 4 mm FQFP-N 20 lead package.
The
MASWSS0068 is ideally suited for applications
where low control voltage, low insertion loss, high
isolation, small size and low cost are required.
Typical applications are to replace mechanical
relays in CATV systems. This part can be used in
all 75 ohm systems operating up to 1.0 GHz.
The MASWSS0068 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Functional Schematic
GND
GND
RF1
GND
GT1
GND
GND
G1
V1
GND
RFC GND
V2
G2
GND
GND
GND
RF2
GT2
GND
GND
GND
RF1
GND
GT1
GND
GND
G1
V1
GND
RFC GND
V2
G2
GND
GND
GND
RF2
GT2
GND
Ordering Information
1
Part Number
Package
MASWSS0068
FQFP-N 20 Lead Plastic Package
MASWSS0068TR
7 inch, 1000 piece reel
MASWSS0068TR-3000
13 inch, 3000 piece reel
MASWSS0068SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings
2
Parameter
Absolute Maximum
Max Input Power
(5 - 1000 MHz, 5 V Control)
+32 dBm
Operating Voltage
±8.5 volts
Operating Temperature
-40
oC to +85 oC
Storage Temperature
-65
oC to +150 oC
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Truth Table
3,4
V1
V2
RFC - RF1
RFC - RF2
1
0
On
Off
0
1
Off
On
3. External 0.01 µF DC blocking capacitors are required on all
RF In/Out and RF Ground ports.
4. 0 = 0 V + 0.2 V; 1 = +2.5 V to +5 V.


Similar Part No. - MASWSS0068SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0068SMB MACOM-MASWSS0068SMB Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results

Similar Description - MASWSS0068SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MACOM-MASWSS0067 Datasheet
114Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com