Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2F35L Datasheet(PDF) 5 Page - Megawin Technology Co., Ltd

Part # MPC2F35L
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35L Datasheet(HTML) 5 Page - Megawin Technology Co., Ltd

  MPC2F35L Datasheet HTML 1Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 2Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
MEGAWIN
MPC2F35_USB Data Sheet
5
FUNCTION DESCRIPTION
Registers
A
Y
X
P
PCH
PCL
1
S
Accumulator
The accumulator is a 8-bit register, which stores the results of most arithmetic and logic operations.
In addition, the accumulator usually contains one of two data words used in these operations.
Index Register (X, Y)
There are two 8-bit index registers (X and Y), which may be used to count program steps or to
provide an index value to be used in generating an effective address. When executing an
instruction, which specifies indexed addressing, the MCU fetches the OP Code and the base
address, and modifies the address by adding the index register to the base address before
performing the desired operation. Pre- or post-index of index address is possible.
Processor Status Register (P)
The 8-bit processor status register contains seven status flags. Some flags are controlled by the
program,
and
others
may
be
controlled
by
both
the
program
and
the
MCU.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N
V
1
B
D
I
Z
C
N: Signed flag, 1 = negative, 0 = positive
V: Overflow flag, 1 = true, 0 = false
B: BRK interrupt command, 1 = BRK, 0 = IRQB
D: Decimal mode, 1 = true, 0 = false
I: IRQB disable flag, 1 = disable, 0 = enable
Z: Zero flag, 1 = true, 0 = false
C: Carry flag, 1 = true, 0 = false
Program Counter (PC)
The 16-bit program counter register provides the addresses, which steps MPC2F35 through the
sequential program instructions. Each time this MCU fetches an instruction from program memory, the
lower byte of the program counter (PCL) is placed on the low-order 8 bits of the address bus, and the
higher byte of the program counter (PCH) is placed on the high-order 8 bits. The counter is incremented
each time when an instruction or data is fetched from program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com