Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2F35L Datasheet(PDF) 1 Page - Megawin Technology Co., Ltd

Part # MPC2F35L
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35L Datasheet(HTML) 1 Page - Megawin Technology Co., Ltd

  MPC2F35L Datasheet HTML 1Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 2Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
MPC2F35
Low-speed USB micro-controller
This document contains information on a new product under development by MEGAWIN. MEGAWIN reserves the right to change or
discontinue this product without notice.
© MEGAWIN Technology Co., Ltd. 2008 All rights reserved.
2008/12 version A4
MEGAWIN
GENERAL DESCRIPTION
The MPC2F35 is a 65C02 MCU with an embedded 8k bytes flash ROM, a 256 bytes RAM, a
watch-dog timer, a USB and PS/2 combo interfaces, can be implemented via the USB bus line, D+
and D- pins, by the user’s program. The USB features fully meets the low-speed USB Specification
version 1.1. It will be very suitable for the low-cost keyboard, joystick, I-toy, and some products like
the hand-held devices, which need to download/ upload data through the PC system.
FEATURES
• 8-bit 65C02 micro-controller with 6 MHz external crystal or ceramic resonator
• Operation voltage: 4.35V to 5.5V
• Memory:
−
8K Bytes Flash ROM
−
256 Bytes RAM
• 34 programmable GPIO:
−
4 LED direct sink pins shared with Port0 (LED0/1/2/3)
−
2 external interrupt pins (INT0, INT1)
−
Port3 provides the pin interrupt
−
26 bi-directional I/O pins for Port1/ 2/3/4
• One 8-bit programmable timer
• Built-in power-on reset
• One watchdog timer
• Low-speed USB Specification version 1.1 compliance
−
Supports 4 endpoints, where EP0 is control endpoint, and EP1/2/3 are data endpoints
−
Integrated USB transceiver, and 3.3V regulated output for USB pull-up resistor
−
Provides remote wake-up
• Built-in low-voltage detector
• USB and PS/2 combo interfaces
• Support two power-saving modes: stop and halt mode
• Packages:
−
28-SSOP: MPC2F35L
−
40-PDIP: MPC2F35E2


Similar Part No. - MPC2F35L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG12 MOTOROLA-MPC2001SG12 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2001SG15 MOTOROLA-MPC2001SG15 Datasheet
88Kb / 4P
256KB Asynchronous Secondary Cache Module for PowerPC
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MPC2002SG50 MOTOROLA-MPC2002SG50 Datasheet
234Kb / 14P
256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
More results

Similar Description - MPC2F35L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
enCoRe USB Low-speed USB Peripheral Controller
October 21, 2002
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
Low-speed USB Peripheral Controller
logo
Megawin Technology Co.,...
MPC235 MEGAWIN-MPC235 Datasheet
672Kb / 50P
Low-Speed USB Micro-Controller
MG84FL54B MEGAWIN-MG84FL54B Datasheet
890Kb / 94P
Full-Speed USB micro-controller
logo
SINOWEALTH Electronic L...
SH61F83 SINOWEALTH-SH61F83 Datasheet
906Kb / 54P
Low Speed USB Micro-controller
V2.0
SH68F83 SINOWEALTH-SH68F83 Datasheet
870Kb / 58P
Low Speed USB Micro-controller
V2.0
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
Low Speed USB Micro-controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com