Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2F35L Datasheet(PDF) 2 Page - Megawin Technology Co., Ltd

Part # MPC2F35L
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35L Datasheet(HTML) 2 Page - Megawin Technology Co., Ltd

  MPC2F35L Datasheet HTML 1Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 2Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC2F35L Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
MPC2F35_USB Data Sheet
MEGAWIN
PAD DESCRIPTION
PIN Name
I/O
Description
P0.0~0.3
I/O
Bi-directional I/O, and sink LED directly
P0.4/- INT0
I/O
Bi-directional I/O with external interrupt 1
P0.5/- INT1
I/O
Bi-directional I/O with external interrupt 2
P0.6~0.7
I/O
Bi-directional I/O
P1.0~1.7
I/O
Bi-directional I/O
P2.0~2.7
I/O
Bi-directional I/O
P3.0~3.7
I/O
Bi-directional I/O
P4.0~4.1
I/O
Bi-directional I/O
- RST
I
Reset pin, low active
XTAL1
I
6MHz crystal or resonator in
XTAL2
I
6MHz crystal or resonator out
D+/SCLK
I/O
USB data + with PS/2 compatible I/O
D-/SDATA
I/O
USB data - with PS/2 compatible I/O
VCC
I
Voltage supply
VSS
I
Ground
V3.3
O
3.3V regulated output, a capacitor should be
added on this pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com