Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89L53AF Datasheet(PDF) 38 Page - Megawin Technology Co., Ltd

Part # MPC89L53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89L53AF Datasheet(HTML) 38 Page - Megawin Technology Co., Ltd

Back Button MPC89L53AF Datasheet HTML 30Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 31Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 32Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 33Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 34Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 35Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 36Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 37Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 38Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
Revision History
Version
Date
Page
Description
A3
2004/10
-
reorganized
A4
2004/11
P27
-
Added Procedures demonstrating ISP function
A5
2005/01
-
Re-Format
-
Mark the reset pin resistance
-
Remove the read-only limitation on SFR AUXR
-
Document on option register OR1.7
- Fix the Baud-Rate-Computing formula for Timer-1
A6
2005/3/30 P6
-
Update PQFP-44 package shape
A7
2005/6/14 P5, 8, 33
-
Modify pin /EA location for PDIP and PLCC package
-
Modify bits definition for SFR PCON
-
Absolute Maximum Rating
A8
2006/08
P32, 33
-
Revises the possible operating temperature.
A9
2007/03
P33
-
Modify the Storage Temperature
A10
2007/12
P2
P34, 35
-
Add 2.7V requirement in flash write operation.
-
Modify Absolute Maximum Rating.
A11
2008/12
-
Formatting
38
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com