Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89L53AF Datasheet(PDF) 26 Page - Megawin Technology Co., Ltd

Part # MPC89L53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89L53AF Datasheet(HTML) 26 Page - Megawin Technology Co., Ltd

Back Button MPC89L53AF Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 28Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 29Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 30Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
In other words, not all data reception will respond to RI, while specific data does.
By setting the SADDR and the SADEN, the user can filter out those data byte that doesn’t like
to care. This feature brings great help to reduce software overhead.
The above feature adapts to the serial port when operated in Mode1, Mode2, and Mode3.
Dealing with Mode 0, the user can ignore it.
Frame Error Detection
A missing bit in stop bit will set the FE bit in the SCON register. The FE bit shares the SCON
bit 7 with SM0 and its actual function for SCON.7 is determined by SMOD0 (PCON.6). If
SMOD0 is set, SCON.7 functions as FE, otherwise functions as SM0. When used as FE bit, it
can only be cleared by software.
Reset
The RESET pin is used to reset this device. It is connected into the device to a Schmitt Trigger
buffer to get excellent noise immunity.
Any positive pulse from RESET pin must be kept at least two-machine cycle, or the device
cannot be reset.
Power Saving Mode and POF
There are two power saving modes, which are selectable to drive the MPC89x53A enter
power-saving mode.
1.
IDLE mode
The user can set the bit PCON.0 to drive this chip entering IDLE mode.
In the IDLE mode, the internal clock is gated off to the CPU, but not to the interrupt, timer and
serial port functions.
There are two ways to terminate the idle. Activation of any enabled interrupt will cause
PCON.0 to be cleared by hardware to terminating the idle mode. The interrupt will be serviced
and following RETI, the next instruction to be executed will be performed right after the
instruction that causes the device entering to idle mode. Another way to wake-up from idle is
to pull RESET pin high to generate internal hardware reset.
26
MPC89x53A Data Sheet
MEGAWIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com