Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC89L53AF Datasheet(PDF) 25 Page - Megawin Technology Co., Ltd

Part # MPC89L53AF
Description  8-bit micro-controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89L53AF Datasheet(HTML) 25 Page - Megawin Technology Co., Ltd

Back Button MPC89L53AF Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 25Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 26Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 27Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 28Page - Megawin Technology Co., Ltd MPC89L53AF Datasheet HTML 29Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
SM2: Enable the automatic address recognition feature in mode 2 and 3. If SM2=1, RI will not be set
unless the received 9th data bit is 1, indicating an address, and the received byte is a Given or
Broadcast address. In mode1, if SM2=1 then RI will not be set unless a valid stop Bit was received,
and the received byte is a Given or Broadcast address.
REN: Enable the serial port reception. 1 := enable
0 := disable
TB8: The 9th data bit, which will be transmitted in Mode 2 and Mode 3.
RB8: In mode 2 and 3, the received 9th data bit will go into this bit.
TI: Transmit interrupt flag. After a transmit has been finished, the hardware will set this bit.
RI: Receive interrupt flag. After reception has been finished, the hardware will set this bit.
SFR: SBUF (Serial port Buffer register):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
(data to be transmitted or received data)
Automatic Address Recognition
There is an extra feature makes the device convenient to act as a master, which
communicates to multiple slaves simultaneously. It is really Automatic Address Recognition.
There are two SFR SADDR and SADEN implemented in the device. The user can read or
write both of them. Finally, the hardware will make use of these two SFR to “generate” a
“compared byte”. The formula specifies as following.
Bit[ i ] of Compared Byte = (SADEN[ i ] == 1 )?
SADDR[ i ]
:
x
For example:
Set SADDR = 11000000b
Set SADEN = 11111101b
The achieved “Compared Byte” will be “110000x0”
(x means don’t care)
For another example:
Set SADDR = 11100000b
Set SADEN = 11111010b
The achieved “Compared Byte” will be “11100x0x”
After the generic “Compared Byte” has been worked out, the MPC89x53A will make use of this
byte to determine how to set the bit RI in SFR SCON.
Normally, an UART will set bit RI whenever it has done a byte reception; but for the UART in the
MPC89x53A, if the bit SM2 is set, it will set RI according to the following formula.
RI
=
(SM2 == 1) && (SBUF == Compared Byte) && (RB8 == 1)
MEGAWIN
MPC89x53A Data Sheet
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com