Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC765LP6CE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC765LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC765LP6CE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC765LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 19
HMC765LP6CE
v00.0609
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 7.8 - 8.8 GHz
SSB Phase Noise vs. Frequency,
Integer Mode
SSB Phase Noise vs. Temperature
@ 8.3 GHz, Integer Mode
SSB Phase noise vs. Reference Freq. &
Loop BW @ 8.3 GHz, Integer Mode
SSB Phase Noise Fractional
Spurs @ 8.302 GHz
Example of Cycle Slip Prevention Hop
from 8.6 to 8.1 GHz
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
7800 MHz
8300 MHz
8800 MHz
OFFSET FREQUENCY (Hz)
Temp = 25C
Fref = 50 MHz
Loop BW = 100 kHz
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
Fref = 10MHz
Loop BW= 10kHz
Fref = 50MHz
Loop BW=100kHz
OFFSET FREQUENCY (Hz)
10
2
10
3
10
4
10
5
10
6
10
7
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
OFFSET FREQUENCY (Hz)
Temp = 25C
Fref = 50MHz
Loop BW = 100kHz
-10
0
10 20 30 40 50 60 70 80 90 100 110 120
8
8.1
8.2
8.3
8.4
8.5
8.6
8.7
TIME (μSEC)
CSP ON
CSP OFF
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
Fref = 50 MHz
Loop BW = 100 kHz
Typical Reference Sensitivity
vs. Frequency, 3.3V [1]
-50
-40
-30
-20
-10
0
10
20
0
50
100
150
200
250
300
FREQUENCY (MHz)
R = Max, +25C
R = 3, +85C
R = Max, +85C
R = 3, +25C
[1] R refers to the reference path division ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com