Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC765LP6CE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC765LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC765LP6CE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC765LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 18
Parameter
Condition
Min.
Typ.
Max.
Units
Phase Detector
Max Phase Detector Frequency (Frac)
70
105
MHz
Max Phase Detector Frequency (Int)
140
160
MHz
Min Phase Detector Frequency
100
kHz
Charge Pump
Max Output Current
2mA
Min Output Current
500
μA
Charge Pump Noise
Input referred 50 MHz Ref.
-145
dBc/Hz
Logic Inputs
VIH Input High Voltage
VDDIO-0.4
VDDIO
V
VIL Input Low Voltage
00.4
V
Logic Outputs
VOH Output High Voltage
VDDIO-0.4
VDDIO
V
VOL Output Low Voltage
0
0.4
V
Serial Port Max Clock
50
MHz
Power Supply Voltages
Analog 3.3V Supplies: AVCC, VDDPFD, AVDD, RVDD,
VCCPS
AVDD must equal DVDD
3
3.3
3.45
V
Digital Internal Supplies: DVDD, DVDDQ, DVDDM
3
3.3
3.45
V
Digital I/O Supplies: VDDIO
Logic I/O
1.8
3.3
5.5
V
Analog 5V Supplies: VCCVCO, VDDCP, VCCCP
VCCCP must equal VDDCP
4.75
5
5.25
V
Power Supply Currents
Total Current Consumption (5V)
245
290
mA
Total Current Consumption (3.3V)
90
110
mA
Power Down Current
[1]
CSP Disabled
1
10
μA
CSP Enabled
450
μA
Bias Reference Voltage
Measured with 10 GΩ meter
1.880
1.920
1.960
V
[1] Refers only to the Synthesizer portion of the HMC765LP6CE
HMC765LP6CE
v00.0609
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 7.8 - 8.8 GHz
Electrical Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com