Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC765LP6CE Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC765LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC765LP6CE Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC765LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 12Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 13Page - Hittite Microwave Corporation HMC765LP6CE Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 26
HMC765LP6CE
v00.0609
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 7.8 - 8.8 GHz
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[1]
HMC765LP6CE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL3
H765
XXXX
[1] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR
SUGGESTED PCB LAND PATTERN.
Absolute Maximum Ratings
Nominal 3.3V Supplies to GND
-0.3V to +3.6V
Nominal Digital Supply Relative to
3.3V Analog Supply
-0.3V to +0.3V
Nominal 5V Supply to GND
-0.3 to +5.5V
Vtune
0 to +15V
Storage Temperature
-65 to +150°C
Max Peak Reflow Temperature
260 °C
ESD Sensitivity (HBM)
Class 1A
Reliability Information
Junction Temperature to Maintain
1 Million Hour MTTF
135 °C
Nominal Junction Temperature (T=85 °C)
132 °C
Thermal Resistance
(Junction to GND Paddle, 5V Supply)
38.4 °C/W
Operating Temperature
-40 to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com