Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR024A480T012TP Datasheet(PDF) 1 Page - Vicor Corporation

Part # PR024A480T012TP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR024A480T012TP Datasheet(HTML) 1 Page - Vicor Corporation

  PR024A480T012TP Datasheet HTML 1Page - Vicor Corporation PR024A480T012TP Datasheet HTML 2Page - Vicor Corporation PR024A480T012TP Datasheet HTML 3Page - Vicor Corporation PR024A480T012TP Datasheet HTML 4Page - Vicor Corporation PR024A480T012TP Datasheet HTML 5Page - Vicor Corporation PR024A480T012TP Datasheet HTML 6Page - Vicor Corporation PR024A480T012TP Datasheet HTML 7Page - Vicor Corporation PR024A480T012TP Datasheet HTML 8Page - Vicor Corporation PR024A480T012TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product Grade Temperatures (°C)
Grade
Operating
Storage
T =
-40 to +100 -40 to +125
Baseplate
F = Slotted flange
T = Transverse heat sink[a]
[a]Contact factory
PRM
TM Regulator
Product Overview
The VI BRICK Pre-Regulator Module is a very efficient non-isolated regulator specifically
designed to provide a controlled Factorized Bus distribution voltage for powering
downstream VI BRICK Voltage Transformation Modules. In combination, VI BRICK PRMs
and VTMs
TM form a complete DC-DC converter subsystem offering all of the unique
benefits of Vicor’s Factorized Power Architecture (FPA): high density and efficiency; low
noise operation; architectural flexibility; extremely fast transient response; elimination of
bulk capacitance at the Point-of-Load (POL); in a thermally enhanced package.
Applications
• Solid state lighting
• Stadium displays
• Industrial controls
• Avionics
• Underseas
• RF Amplifiers
• Microprocessor and DSP
requiring fast response
•
100°C baseplate operation
•
Vin range: 18 – 36 Vdc
•
Factorized Power
•
High density: up to 156 W/in3
•
Small footprint: 1.64 and 2.08 in2
•
Height above board: 0.37 in (9.5 mm)
•
Low weight: 1.07 oz (30.4 g)
•
ZVS buck-boost regulator
•
Typical efficiency: 95%
•
1.33 MHz switching frequency
•
Low noise operation
•
Architectural flexibility
•
Lead free wave solder compatible
•
Agency approvals
Features
PR
024
A
480
T
0 1 2
F
P
Output
Voltage
Designator
(=VOUT x10)
Output
Power
Designator
(=POUT /10)
Part Numbering
Pre-Regulator
Module
Input
Voltage
Designator
Package
Size
Pin Style
P = Through hole
Pre-Regulator Module
PR024A480T012FP
vicorpower.com
Rev. 1.1
Page 1 of 13
Size:
1.91 x 1.09 x 0.37 in
48,6 x 27,7 x 9,5 mm


Similar Part No. - PR024A480T012TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
287Kb / 2P
PRM??Regulator and VTM??Current Multiplier Modules
PR024A480T012FP VICOR-PR024A480T012FP_1 Datasheet
287Kb / 2P
PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - PR024A480T012TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P024F048T12AL VICOR-P024F048T12AL Datasheet
1Mb / 14P
PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
PRM Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
PRM Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
PRM??Regulator
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
PRM??Regulator
PRM48AF480T400A00 VICOR-PRM48AF480T400A00 Datasheet
1Mb / 45P
PRM??Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
PRM??Regulator
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
1Mb / 44P
PRM??Regulator
PRD48BF480T400A00 VICOR-PRD48BF480T400A00 Datasheet
1Mb / 22P
PRM??Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com