Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR024A480T012TP Datasheet(PDF) 10 Page - Vicor Corporation

Part # PR024A480T012TP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR024A480T012TP Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PR024A480T012TP Datasheet HTML 5Page - Vicor Corporation PR024A480T012TP Datasheet HTML 6Page - Vicor Corporation PR024A480T012TP Datasheet HTML 7Page - Vicor Corporation PR024A480T012TP Datasheet HTML 8Page - Vicor Corporation PR024A480T012TP Datasheet HTML 9Page - Vicor Corporation PR024A480T012TP Datasheet HTML 10Page - Vicor Corporation PR024A480T012TP Datasheet HTML 11Page - Vicor Corporation PR024A480T012TP Datasheet HTML 12Page - Vicor Corporation PR024A480T012TP Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Pre-Regulator Module
PR024A480T012FP
vicorpower.com
Rev. 1.1
Page 10 of 13
APPLICATION INFORMATION
L
O
A
D
Factorized
Bus (Vf)
(IL•Ro)
K
Vf = V
L +
K
Vin
ROS
RCD
0.4
μH
PRM-AL
VH
SC
SG
OS
NC
CD
VC
PC
TM
IL
NC
PR
+IN
+OUT
-OUT
-IN
VTM
+IN
+OUT
-OUT
+OUT
-OUT
-IN
TM
VC
PC
Output Voltage Setting with Adaptive Loop
The equations for calculating ROS and RCD to set a VTM output
voltage are:
93100
ROS =
( VL • 0.8395 ) – 1
(1)
K
RCD =
91238
+ 1
(2)
ROS
VL = Desired load voltage
VOUT = VTM output voltage
K = VTM transformation ratio
(available from appropriate VTM data sheet)
Vf = PRM output voltage, the Factorized Bus (see Figure 16)
RO = VTM output resistance
(available from appropriate VTM data sheet)
IL = Load Current
(actual current delivered to the load)
Output Voltage Trimming (optional)
After setting the output voltage from the procedure above the output
may be margined down (26 Vf min) by a resistor from SC-SG using this
formula:
RdΩ =
10000 Vfd
Vfs - Vfd
Where Vfd is the desired factorized bus and Vfs is the set factorized bus.
A low voltage source can be applied to the SC port to margin the load
voltage in proportion to the SC reference voltage.
An external capacitor can be added to the SC port as shown in Figure 16
to control the output voltage slew rate for soft start.
Figure 16 — Adaptive Loop compensation with soft start using the SC port.
Nominal Vout
VTM
Range (Vdc)
K Factor
0.8 ↔
1.6
1/32
1.1 ↔
2.2
1/24
1.6 ↔
3.3
1/16
2.2 ↔
4.4
1/12
3.3 ↔
6.6
1/8
4.3 ↔
8.8
1/6
6.5 ↔
13.4
1/4
8.7 ↔
17.9
1/3
13.0 ↔
26.9
1/2
17.4 ↔
36.0
2/3
26.0 ↔
54.0
1
Table 2 — 048 input series VTM K factor selection guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com