Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR024A480T012TP Datasheet(PDF) 5 Page - Vicor Corporation

Part # PR024A480T012TP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR024A480T012TP Datasheet(HTML) 5 Page - Vicor Corporation

  PR024A480T012TP Datasheet HTML 1Page - Vicor Corporation PR024A480T012TP Datasheet HTML 2Page - Vicor Corporation PR024A480T012TP Datasheet HTML 3Page - Vicor Corporation PR024A480T012TP Datasheet HTML 4Page - Vicor Corporation PR024A480T012TP Datasheet HTML 5Page - Vicor Corporation PR024A480T012TP Datasheet HTML 6Page - Vicor Corporation PR024A480T012TP Datasheet HTML 7Page - Vicor Corporation PR024A480T012TP Datasheet HTML 8Page - Vicor Corporation PR024A480T012TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SPECIFICATIONS (CONT.)
Efficiency vs. Output Current
65
70
75
80
85
90
95
100
0.25
0.50 0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Output Current (A)
18V
24V
36V
Vin
Figure 5 — Efficiency vs. output current at 48 Vf
Efficiency vs. Output Current
60
65
70
75
80
85
90
95
100
0.25
0.50
0.75
1.00 1.25
1.50 1.75
2.00
2.25
2.50
Output Current (A)
18V
24V
36V
Vin
Figure 6 — Efficiency vs. output current at 36 Vf
OUTPUT WAVEFORMS
Efficiency vs. Output Current
60
65
70
75
80
85
90
95
100
0.25
0.50 0.75
1.00
1.25
1.50 1.75
2.00
2.25
2.50
Output Current (A)
18V
24V
36V
Vin
Figure 7 — Efficiency vs. output current at 26 Vf
Pre-Regulator Module
PR024A480T012FP
vicorpower.com
Rev. 1.1
Page 5 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com