Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR045A480T032TP Datasheet(PDF) 7 Page - Vicor Corporation

Part # PR045A480T032TP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR045A480T032TP Datasheet(HTML) 7 Page - Vicor Corporation

Back Button PR045A480T032TP Datasheet HTML 3Page - Vicor Corporation PR045A480T032TP Datasheet HTML 4Page - Vicor Corporation PR045A480T032TP Datasheet HTML 5Page - Vicor Corporation PR045A480T032TP Datasheet HTML 6Page - Vicor Corporation PR045A480T032TP Datasheet HTML 7Page - Vicor Corporation PR045A480T032TP Datasheet HTML 8Page - Vicor Corporation PR045A480T032TP Datasheet HTML 9Page - Vicor Corporation PR045A480T032TP Datasheet HTML 10Page - Vicor Corporation PR045A480T032TP Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
2.2
Mhrs
25°C, GB
Agency approvals
CTÜVus
UL/CSA 60950-1, EN60950-1
CE Mark
Low voltage directive
RoHS
Complies wih RoHS
Mechanical parameters
See Mechanical Drawings, Figures 19 & 20
Weight
1.07/30,4
oz/g
Dimensions
Length
1.91/48,6
in/mm
Width
1.09/27,7
in/mm
Height
0.37/9,5
in/mm
Thermal
Over temperature shutdown
130
135
140
°C
junction temperature
Thermal capacity
23.8
Ws/°C
Baseplate to ambient
8.8
°C/W
Baseplate to ambient; 1000 LFM
3.0
°C/W
Baseplate to sink; flat, greased surface
0.40
°C/W
Baseplate to sink; thermal pad
0.36
°C/W
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
VC (VTM Control)
Pulse width
812
18
ms
Peak voltage
12
14
18
V
Referenced to –Out
PC (Primary Control)
DC voltage
4.8
5.0
5.2
Vdc
Referenced to –In
Module disable voltage
2.3
2.4
Vdc
Referenced to –In
Module enable voltage
2.5
2.6
Vdc
Disable hysteresis
100
mV
Source only after start up; not to be used for
Current limit
1.75
1.90
mA
aux. supply; 100 k
Ω minimum load
impedance to assure start up.
Enable delay time
100
µs
Disable delay time
1
µs
IL (Current Limit Adjust)
Voltage
1
V
Accuracy
± 15
%
Based on DC current limit set point
PR (Parallel Port)
Voltage
0.6
7.5
V
Referenced to SG; See description Page 8
Source current
1
mA
External capacitance
100
pF
VH (Auxiliary Voltage)
Typical internal bypass C= 0.1 µF
Range
8.7
9.0
9.3
Vdc
Maximum external C= 0.1 µF, referenced to SG
Regulation
0.04
%/mA
Current
5
mA p
SC (Secondary Control)
Voltage
1.23
1.24
1.25
Vdc
Referenced to SG
Internal capacitance
0.22
µF
External capacitance
0.7
µF
OS (Output Set)
Set point accuracy
± 1.5
%
Includes 1% external resistor
Reference offset
± 4
mV
CD (Compensation Device)
External resistance
20
Ω
Omit resistor for regulation at output of PRM
Auxiliary Pins
Pre-Regulator Module
PR045A480T032FP
vicorpower.com
Rev. 1.1
Page 7 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com