Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR045A480T032TP Datasheet(PDF) 9 Page - Vicor Corporation

Part # PR045A480T032TP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR045A480T032TP Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PR045A480T032TP Datasheet HTML 5Page - Vicor Corporation PR045A480T032TP Datasheet HTML 6Page - Vicor Corporation PR045A480T032TP Datasheet HTML 7Page - Vicor Corporation PR045A480T032TP Datasheet HTML 8Page - Vicor Corporation PR045A480T032TP Datasheet HTML 9Page - Vicor Corporation PR045A480T032TP Datasheet HTML 10Page - Vicor Corporation PR045A480T032TP Datasheet HTML 11Page - Vicor Corporation PR045A480T032TP Datasheet HTML 12Page - Vicor Corporation PR045A480T032TP Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Pre-Regulator Module
PR045A480T032FP
vicorpower.com
Rev. 1.1
Page 9 of 13
APPLICATION INFORMATION
Overview of Adaptive Loop Compensation
Adaptive Loop compensation, illustrated in Figure 15, contributes to the
bandwidth and speed advantage of Factorized Power. The PRM moni-
tors its output current and automatically adjusts its output voltage to
compensate for the voltage drop in the output resistance of the VTM.
ROS sets the desired value of the VTM output voltage, Vout; RCD is set to
a value that compensates for the output resistance of the VTM (which,
ideally, is located at the point of load). For selection of ROS and RCD,
refer to Table 1 below or Page 10.
The VI BRICK’s bi-directional VC port :
1. Provides a wake up signal from the PRM to the VTM that
synchronizes the rise of the VTM output voltage to that of the PRM.
2. Provides feedback from the VTM to the PRM to enable the PRM to
compensate for the voltage drop in VTM output resistance, RO.
L
O
A
D
Factorized
Bus (Vf)
Vo = VL ± 1.0%
(Io•Ro)
K
Vf = V
L +
K
Vin
ROS
RCD
PRM
VH
SC
SG
OS
NC
CD
VC
PC
TM
IL
NC
PR
+IN
+OUT
-OUT
-IN
VTM
+IN
+OUT
-OUT
+OUT
-OUT
-IN
TM
VC
PC
Figure 15 — With Adaptive Loop control, the output of the VTM is regulated over the load current range with only a single interconnect between the PRM and
VTM and without the need for isolation in the feedback path.
Desired Load Voltage (Vdc)
VI BRICK VTM P/N(1)
Max VTM Output Current (A)(2)
ROS (k
Ω)(3)
RCD (
Ω)(3)
1.0
VT048A015T100FP
100
3.57
26.1
1.2
VT048A015T100FP
100
2.94
32.4
1.5
VT048A015T100FP
100
2.37
39.2
1.8
VT048A020T080FP
80
2.61
35.7
2.0
VT048A020T080FP
80
2.37
39.2
3.0
VT048A030T070FP
70
2.37
39.2
3.3
VT048A040T050FP
50
2.89
32.6
5.0
VT048A060T040FP
40
2.87
33.2
8.0
VT048A080T030FP
30
2.37
32.9
9.6
VT048A096T025FP
25
2.37
32.9
10
VT048A120T025FP
25
2.86
32.9
12
VT048A120T025FP
25
2.37
39.2
15
VT048A160T015FP
15
2.49
37.4
24
VT048A240T012FP
12.5
2.37
39.2
28
VT048A320T009FP
9.4
2.74
35.7
36
VT048A480T006FP
6.3
3.16
30.1
48
VT048A480T006FP
6.3
2.37
39.2
Table 1 — Configure the VI BRICK PRM/VTM for the desired output voltage.
Note:
(1) See Table 2 on page 10 for nominal Vout range and K factors.
(2) See “PRM output power vs. VTM output power” on Page 11
(3) 1% precision resistors recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com