Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR045A480T032TP Datasheet(PDF) 3 Page - Vicor Corporation

Part # PR045A480T032TP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR045A480T032TP Datasheet(HTML) 3 Page - Vicor Corporation

  PR045A480T032TP Datasheet HTML 1Page - Vicor Corporation PR045A480T032TP Datasheet HTML 2Page - Vicor Corporation PR045A480T032TP Datasheet HTML 3Page - Vicor Corporation PR045A480T032TP Datasheet HTML 4Page - Vicor Corporation PR045A480T032TP Datasheet HTML 5Page - Vicor Corporation PR045A480T032TP Datasheet HTML 6Page - Vicor Corporation PR045A480T032TP Datasheet HTML 7Page - Vicor Corporation PR045A480T032TP Datasheet HTML 8Page - Vicor Corporation PR045A480T032TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPECIFICATIONS (CONT.)
Figure 3 — Input reflected ripple current
+IN
–IN
100
μF
Al-Electrolytic
Reflected
Ripple
Measurement
2.37 k
Ω
+ OUT
– OUT
10 A
PRM
VH
SC
SG
OS
NC
CD
VC
PC
TM
IL
NC
PR
+IN
+OUT
-OUT
-IN
Figure 4 — Input filter capacitor recommendation
INPUT WAVEFORMS
Figure 1 — Vf and PC response from power up
Figure 2 — Vf turn-on waveform with inrush current – PC enabled
Pre-Regulator Module
PR045A480T032FP
vicorpower.com
Rev. 1.1
Page 3 of 13
[a] See Input Fuse Recommendations section
[a]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com